Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 37Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 38Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 39Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 40Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 41Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 42Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 43Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 44Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
Data Sheet
SSM3582A
Rev. A | Page 41 of 58
Address: 0x05, Reset: 0x8A, Name: AMP_DAC_CTRL
DAC Low Power Mode.
1: DAC low power m ode enabled.
0: DAC low power m ode dis abled.
Am plifier Analog Gain Select.
11: 21 dB (16 V peak).
10: 19 dB (12.6 V peak).
1: 16 dB (8.9 V peak).
0: 13 dB (6.3 V peak).
Right Channel DAC Output Polarity
Control.
1: Invert the DAC output.
0: Norm al behavior.
Edge Rate Control.
1: Low EMI m ode operation.
0: Norm al operation.
Left Channel DAC Output Polarity
Control.
1: Invert the DAC output.
0: Norm al behavior.
0
0
1
1
2
0
3
1
4
0
5
0
6
0
7
1
[7] DAC_LPM (R/W)
[1:0] ANA_GAIN (R/W)
[6] RESERVED
[2] RESERVED
[5] DAC_POL_R (R/W)
[3] EDGE (R/W)
[4] DAC_POL_L (R/W)
Table 29. Bit Descriptions for AMP_DAC_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
DAC_LPM
DAC Low Power Mode.
0x1
R/W
0
DAC low power mode disabled.
1
DAC low power mode enabled.
6
RESERVED
Reserved.
0x0
R
5
DAC_POL_R
Right Channel DAC Output Polarity Control.
0x0
R/W
0
Normal behavior.
1
Invert the DAC output.
4
DAC_POL_L
Left Channel DAC Output Polarity Control.
0x0
R/W
0
Normal behavior.
1
Invert the DAC output.
3
EDGE
Edge Rate Control.
0x1
R/W
0
Normal operation.
1
Low EMI mode operation.
2
RESERVED
Reserved.
0x0
R
[1:0]
ANA_GAIN
Amplifier Analog Gain Select.
0x2
R/W
0
13 dB (6.3 V peak).
1
16 dB (8.9 V peak).
10
19 dB (12.6 V peak).
11
21 dB (16 V peak).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com