Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 24Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 25Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 26Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 27Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 28Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 29Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 30Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 31Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
SSM3582A
Data Sheet
Rev. A | Page 28 of 58
Table 16. ADDRx Pins to I2C Device Address and TDM Slot Mapping
ADDRx Pin State1
Device Address
Default TDM Slot
ADDR0
ADDR1
MONO = 0
MONO = 1
0
0
0x10
1, 2
1
0
1
0x11
3, 4
2
1
0
0x12
5, 6
3
1
1
0x13
7, 8
4
0
Pull-down
0x14
9, 10
5
0
Pull-up
0x15
11, 12
6
1
Pull-down
0x16
13, 14
7
1
Pull-up
0x17
15, 16
8
Pull-down
0
0x18
17, 18
9
Pull-down
1
0x19
19, 20
10
Pull-up
0
0x1A
21, 22
11
Pull-up
1
0x1B
23, 24
12
Pull-down
Pull-down
0x1C
25, 26
13
Pull-down
Pull-up
0x1D
27, 28
14
Pull-up
Pull-down
0x1E
29, 30
15
Pull-up
Pull-up
0x1F
31, 32
16
1
0 = connect to ground, 1 = connect to DVDD. In the case of a pull-down state, connect to ground via a 47 kΩ resistor. In the case of a pull-up state, connect to DVDD
via a 47 kΩ resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com