Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 42Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 43Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 44Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 45Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 46Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 47Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 48Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 49Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
SSM3582A
Data Sheet
Rev. A | Page 46 of 58
Address: 0x0C, Reset: 0x01, Name: SLOT_RIGHT_CTRL
Right Channel Slot Selection.
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:5] RESERVED
[4:0] TDM_SLOT_R (R/W)
Table 36. Bit Descriptions for SLOT_RIGHT_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
RESERVED
Reserved.
0x0
R
[4:0]
TDM_SLOT_R
Right Channel Slot Selection.
0x1
R/W
Address: 0x0E, Reset: 0xA0, Name: LIM_LEFT_CTRL1
Left Lim iter Releas e Rate.
11: 800 m s /dB.
10: 1200 m s /dB.
1: 1600 m s /dB.
0: 3200 m s /dB.
Left Lim iter Mode.
11: Lim iter on only if VBAT<VBAT_INF_L.
10: Mute output if VBAT<VBAT_INF_L.
1: Lim iter on.
0: Lim iter off.
Left Lim iter Attack Rate.
11: 20 µs /dB.
10: 30 µs /dB.
1: 60 µs /dB.
0: 120 µs /dB.
Left Thres hold Battery Tracking.
1:
bits in Regis ter 0x0F.
VBAT<VBAT_INF_L us ing SLOPE_L
Ram p down lim iter thres hold when
0:
Bits in Regis ter0x0F.
Fixed lim iter thres hold s et by LIM_THRES_L
0
0
1
0
2
0
3
0
4
0
5
1
6
0
7
1
[7:6] LIM_RRT_L (R/W)
[1:0] LIM_EN_L (R/W)
[5:4] LIM_ATR_L (R/W)
[2] VBAT_TRACK_L (R/W)
[3] RESERVED
Table 37. Bit Descriptions for LIM_LEFT_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
LIM_RRT_L
Left Limiter Release Rate.
0x2
R/W
0
3200 ms/dB.
1
1600 ms/dB.
10
1200 ms/dB.
11
800 ms/dB.
[5:4]
LIM_ATR_L
Left Limiter Attack Rate.
0x2
R/W
0
120 µs/dB.
1
60 µs/dB.
10
30 µs/dB.
11
20 µs/dB.
3
RESERVED
Reserved.
0x0
R
2
VBAT_TRACK_L
Left Threshold Battery Tracking.
0x0
R/W
0
Fixed limiter threshold Set by LIM_THRES Bits in Register 0x0F.
1
Ramp down limiter threshold when VBAT < VBAT_INF_L using SLOPE_L bits
in Register 0x0F.
[1:0]
LIM_EN_L
Left Limiter Mode.
0x0
R/W
0
Limiter off.
1
Limiter on.
10
Mute output if VBAT < VBAT_INF_L.
11
Limiter on only if VBAT < VBAT_INF_L.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com