Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 26Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 27Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 28Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 29Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 30Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 31Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 32Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 33Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
SSM3582A
Data Sheet
Rev. A | Page 30 of 58
STANDALONE OPERATION
The SSM3582A can be operated in a standalone hardware
control mode without any I2C control. The same ADDRx pins
used to set the I2C device address are used to set the
functionality of the device. In standalone mode, the I2C pins
(SCL and SDA) are inputs and are shorted to DVDD or AGND
to set the TDM slot/sample rate of the device (see Table 18). In
this case, the ANA_GAIN bits are set to 11 and SPWDN is set
to 0 by default.
In standalone mode, TDM slot selection, mono mode operation,
and sample rate are selected via different pin settings. The
device monitors the FSYNC signal and, if it is a 50% duty cycle,
uses I2S settings. If the FYSNC signal is a pulse, the device uses
TDM settings.
Table 18. Standalone Mode Pin Settings and Functionality
Sample Rate
Pin States
TDM Slot(s)
MONO Bit
ADDR0
ADDR1
SDA
SCL
32 kHz to 48 kHz
0
Open
0
0
1, 2
0
1
Open
0
0
3, 4
0
Pull-down
Open
0
0
5, 6
0
Pull-up
Open
0
0
7, 8
0
Open
0
0
0
9, 10
0
Open
1
0
0
11, 12
0
Open
Pull-down
0
0
13, 14
0
Open
Pull-up
0
0
15, 16
0
8 kHz to 12 kHz
Open
Open
0
0
1, 2
0
32 kHz to 48 kHz
0
Open
0
1
1
1
1
Open
0
1
2
1
Pull-down
Open
0
1
3
1
Pull-up
Open
0
1
4
1
Open
0
0
1
5
1
Open
1
0
1
6
1
Open
Pull-down
0
1
7
1
Open
Pull-up
0
1
8
1
8 kHz to 12 kHz
Open
Open
0
1
1, 2
1
64 kHz to 96 kHz
0
Open
1
0
1, 2
0
1
Open
1
0
3, 4
0
Pull-down
Open
1
0
5, 6
0
Pull-up
Open
1
0
7, 8
0
Open
0
1
0
9, 10
0
Open
1
1
0
11, 12
0
Open
Pull-down
1
0
13, 14
0
Open
Pull-up
1
0
15, 16
0
16 kHz to 24 kHz
Open
Open
1
0
1, 2
0
64 kHz to 96 kHz
0
Open
1
1
1
1
1
Open
1
1
2
1
Pull-down
Open
1
1
3
1
Pull-up
Open
1
1
4
1
Open
0
1
1
5
1
Open
1
1
1
6
1
Open
Pull-down
1
1
7
1
Open
Pull-up
1
1
8
1
128 kHz to 192 kHz
Open
Open
1
1
1, 2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com