Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 51 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 51 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 47Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 48Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 49Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 50Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 51Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 52Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 53Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 54Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
Data Sheet
SSM3582A
Rev. A | Page 51 of 58
Address: 0x16, Reset: 0x00, Name: FAULT_CTRL1
Left Channel Overtem perature Warning
Gain Reduction.
11: 5.625 dB gain reduction.
10: 3 dB gain reduction.
1: 1.5 dB gain reduction.
0: No gain reduction.
Right Channel Overtem perature Warning
Gain Reduction.
11: 5.625 dB gain reduction.
10: 3 dB gain reduction.
1: 1.5 dB gain reduction.
0: No gain reduction.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[1:0] OTW_GAIN_L (R/W)
[5:4] OTW_GAIN_R (R/W)
[3:2] RESERVED
Table 45. Bit Descriptions for FAULT_CTRL1
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
Reserved.
0x0
R
[5:4]
OTW_GAIN_R
Right Channel Overtemperature Warning Gain Reduction.
0x0
R/W
0
No gain reduction.
1
1.5 dB gain reduction.
10
3 dB gain reduction.
11
5.625 dB gain reduction.
[3:2]
RESERVED
Reserved.
0x0
R
[1:0]
OTW_GAIN_L
Left Channel Overtemperature Warning Gain Reduction.
0x0
R/W
0
No gain reduction.
1
1.5 dB gain reduction.
10
3 dB gain reduction.
11
5.625 dB gain reduction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com