Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 50Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 51Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 52Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 53Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 54Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 55Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 56Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 57Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 58Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
Data Sheet
SSM3582A
Rev. A | Page 55 of 58
Address: 0x1B, Reset: 0x00, Name: TEMP
Tem perature Sens or Readout
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] TEMP (R)
Table 50. Bit Descriptions for TEMP
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
TEMP
Temperature Sensor Readout. The actual temperature in degrees Celsius is TEMP −
60 decimal.
0x0
R
Address: 0x1C, Reset: 0x00, Name: SOFT_RESET
Full Software Res et.
1:
res et of device.
Write value of 1 to perform full s oftware
0: No action taken.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:1] RESERVED
[0] S_RST (W1)
Table 51. Bit Descriptions for SOFT_RESET
Bits
Bit Name
Settings
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
S_RST
Full Software Reset.
0x0
W1
0
No action taken.
1
Write value of 1 to perform full software reset of device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com