Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 39Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 40Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 41Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 42Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 43Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 44Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 45Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 46Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
Data Sheet
SSM3582A
Rev. A | Page 43 of 58
Address: 0x07, Reset: 0x40, Name: VOL_LEFT_CTRL
Left Channel Volum e.
0xFF: Mute.
0xFE: –71.25 dB.
0xFD: –70.875 dB.
...
0x02: ...
0x01: +23.625 dB.
0x00: +24 dB.
0
0
1
0
2
0
3
0
4
0
5
0
6
1
7
0
[7:0] VOL_L (R/W)
Table 31. Bit Descriptions for VOL_LEFT_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VOL_L
Left Channel Volume.
0x40
R/W
0x00
+24 dB.
0x01
+23.625 dB.
0x02
…
0x3F
+0.375 dB.
0x40
0 dB.
0x41
−0.375 dB.
0x42
…
0xFD
−70.875 dB.
0xFE
−71.25 dB.
0xFF
Mute.
Address: 0x08, Reset: 0x40, Name: VOL_RIGHT_CTRL
Right Channel Volum e.
0xFF: Mute.
0xFE: –71.25 dB.
0xFD: –70.875 dB.
...
0x02: ...
0x01: +23.625 dB.
0x00: +24 dB.
0
0
1
0
2
0
3
0
4
0
5
0
6
1
7
0
[7:0] VOL_R (R/W)
Table 32. Bit Descriptions for VOL_RIGHT_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VOL_R
Right Channel Volume.
0x40
R/W
0x00
+24 dB.
0x01
+23.625 dB.
0x02
…
0x3F
+0.375 dB.
0x40
0 dB
0x41
−0.375 dB.
0x42
…
0xFD
−70.875 dB.
0xFE
−71.25 dB.
0xFF
Mute.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com