Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  SSM3582ACPZ-R7 Datasheet HTML 1Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 2Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 3Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 4Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 5Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 6Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 7Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 8Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
SSM3582A
Data Sheet
Rev. A | Page 4 of 58
SPECIFICATIONS
PVDD = 12 V, AVDD = 5 V (external), DVDD = 1.8 V (external), load resistance (RL) = 8 Ω + 33 μH, BCLK = 3.072 MHz, FSYNC = 48 kHz,
TA = −40°C to +85°C, unless otherwise noted. The measurements are taken with a 20 kHz AES17 low-pass filter. The other load impedances
used are 4 Ω + 15 μH and 3 Ω + 10 μH. Measurements are taken with a 20 kHz AES17 low-pass filter, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
DEVICE CHARACTERISTICS
Output Power Per Channel
PO
Stereo Mode
f = 1 kHz, both channels driven
RL = 8 Ω, THD + N < 1%, f = 1 kHz, 20 kHz BW, PVDD = 16 V
14.4
W
RL = 8 Ω, THD + N < 1%, f = 1 kHz, 20 kHz BW, PVDD = 12 V
8.1
W
RL = 8 Ω, THD + N < 1%, f = 1 kHz, 20 kHz BW, PVDD = 7 V
2.76
W
RL = 8 Ω, THD + N < 1%, f = 1 kHz, 20 kHz BW, PVDD = 5 V
1.41
W
RL = 8 Ω, THD + N = 10%, f = 1 kHz, 20 kHz BW, PVDD = 16 V
18
W
RL = 8 Ω, THD + N = 10%, f = 1 kHz, 20 kHz BW, PVDD = 12 V
10
W
RL = 8 Ω, THD + N = 10%, f = 1 kHz, 20 kHz BW, PVDD = 7 V
3.43
W
RL = 8 Ω, THD + N = 10%, f = 1 kHz, 20 kHz BW, PVDD = 5 V
1.75
W
RL = 4 Ω, THD + N < 1%, f = 1 kHz, 20 kHz BW, PVDD = 16 V
25.6
W
RL = 4 Ω, THD + N < 1%, f = 1 kHz, 20 kHz BW, PVDD = 12 V
14.67
W
RL = 4 Ω, THD + N < 1%, f = 1 kHz, 20 kHz BW, PVDD = 7 V
5.06
W
RL = 4 Ω, THD +N < 1%, f = 1 kHz, 20 kHz BW, PVDD = 5 V
2.6
W
RL = 4 Ω, THD + N = 10%, f = 1 kHz, 20 kHz BW, PVDD = 16 V
31.76
W
RL = 4 Ω, THD + N = 10%, f = 1 kHz, 20 kHz BW, PVDD = 12 V
18.31
W
RL = 4 Ω, THD + N = 10%, f = 1 kHz, 20 kHz BW, PVDD = 7 V
6.3
W
RL = 4 Ω, THD + N = 10%, f = 1 kHz, 20 kHz BW, PVDD = 5 V
3.21
W
Mono Mode
f = 1 kHz
RL = 3 Ω, THD +N < 1%, f = 1 kHz, 20 kHz BW, PVDD = 16 V
35.4
36.11
W
RL = 3 Ω, THD +N < 1%, f = 1 kHz, 20 kHz BW, PVDD = 12 V
20.0
20.46
W
RL = 3 Ω, THD +N < 1%, f = 1 kHz, 20 kHz BW, PVDD = 7 V
7
W
RL = 3 Ω, THD +N < 1%, f = 1 kHz, 20 kHz BW, PVDD = 5 V
3.58
W
RL = 3 Ω, THD + N = 10%, f = 1 kHz, 20 kHz BW, PVDD = 16 V
44.26
44.96
W
RL = 3 Ω, THD + N = 10%, f = 1 kHz, 20 kHz BW, PVDD = 12 V
25
25.49
W
RL = 3 Ω, THD + N = 10%, f = 1 kHz, 20 kHz BW, PVDD = 7 V
8.7
W
RL = 3 Ω, THD + N = 10%, f = 1 kHz, 20 kHz BW, PVDD = 5 V
4.43
W
RL = 2 Ω, THD + N < 1%, f = 1 kHz, 20 kHz BW, PVDD = 16 V
49
49.69
W
RL = 2 Ω, THD +N < 1%, f = 1 kHz, 20 kHz BW, PVDD = 12 V
27.7
28.55
W
RL = 2 Ω, THD +N < 1%, f = 1 kHz, 20 kHz BW, PVDD = 7 V
9.85
W
RL = 2 Ω, THD +N < 1%, f = 1 kHz, 20 kHz BW, PVDD = 5 V
5
W
RL = 2 Ω, THD + N = 10%, f = 1 kHz, 20 kHz BW, PVDD = 16 V
59.2
62.4
W
RL = 2 Ω, THD + N = 10%, f = 1 kHz, 20 kHz BW, PVDD = 12 V
34.2
35.5
W
RL = 2 Ω, THD + N = 10%, f = 1 kHz, 20 kHz BW, PVDD = 7 V
12.22
W
RL = 2 Ω, THD + N = 10%, f = 1 kHz, 20 kHz BW, PVDD = 5 V
6.22
W
Minimal Load Inductance
Speaker inductance
5
μH
Efficiency
η
Stereo Mode
Both channels driven
PO = 10 W, RL = 8 Ω, PVDD = 12 V
94
%
PO = 10 W, RL = 8 Ω, PVDD = 12 V (low EMI mode)
93.8
%
PO = 18 W, RL = 4 Ω, PVDD = 12 V
90.6
%
PO = 15 W, RL = 4 Ω, PVDD = 12 V (low EMI mode)
89.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com