Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 52 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 52 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 48Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 49Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 50Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 51Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 52Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 53Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 54Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 55Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
SSM3582A
Data Sheet
Rev. A | Page 52 of 58
Address: 0x17, Reset: 0x30, Name: FAULT_CTRL2
Engage Manual Fault Recovery Attem pt.
1:
is s et to Manual Recovery Mode.
One m anual recovery attem pt if fault
0: No action taken.
Over Current Fault Autom atic Recovery
Control.
1: Manual recovery us ing MRCV bit.
0: Autom atic recovery enabled.
Over Tem perature Fault Autom atic
Recovery Control.
1: Manual recovery us ing MRCV bit.
0: Autom atic recovery enabled.
Maxim um Autom atic Recovery Attem pts .
11: Unlim ited attem pts .
10: 7 attem pts .
1: 3 attem pts .
0: 1 attem pt.
Undervoltage Fault Autom atic Recovery
Control.
1: Manual recovery us ing MRCV bit.
0: Autom atic recovery enabled.
0
0
1
0
2
0
3
0
4
1
5
1
6
0
7
0
[7] MRCV (W1)
[0] ARCV_OC (R/W)
[6] RESERVED
[1] ARCV_OT (R/W)
[5:4] MAX_AR (R/W)
[2] ARCV_UV (R/W)
[3] RESERVED
Table 46. Bit Descriptions for FAULT_CTRL2
Bits
Bit Name
Settings
Description
Reset
Access
7
MRCV
Engage Manual Fault Recovery Attempt.
0x0
W1
0
No action taken.
1
One manual recovery attempt if fault is set to Manual Recovery Mode.
6
RESERVED
Reserved.
0x0
R
[5:4]
MAX_AR
Maximum Automatic Recovery Attempts.
0x3
R/W
0
1 attempt.
1
3 attempts.
10
7 attempts.
11
Unlimited attempts.
3
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com