Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 27Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 28Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 29Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 30Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 31Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 32Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 33Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 34Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 58 page
background image
Data Sheet
SSM3582A
Rev. A | Page 31 of 58
MONO MODE
The SSM3582A can be operated in mono mode for driving low
impedance loads. In mono mode, the left and right power stages
can be connected in parallel, as shown in Figure 87. Use caution
when setting up mono mode. For proper operation, any hardware
changes are required along with setting the register. For mono
mode operation, set the MONO bit (Register 0x04, Bit 4) to 1. By
default, this bit is set to 0 for stereo mode. After the bit is set for
mono mode, only the left channel modulator is active and it feeds
both the left and right channel power stages. The OUTL+ and
OUTR+ pins are in phase. The OUTL− and OUTR− pins are
also in phase. For mono mode, OUTL+ must be shorted to
OUTR+. Similarly, OUTL− must be shorted to OUTR−. Note
that the resistance of the short must be <10 mΩ. If the short
resistance is higher than 10 mΩ, the THD + N performance
degrades. Refer to the EVAL-SSM3582Z user guide for more
information.
In standalone mode, the ADDR0, ADDR1, SCL, and SDA pins
determine the TDM slot. See the Table 18 for the possible TDM
slot configurations in mono mode.
ANALOG AND DIGITAL GAIN
Four different gain settings are available to optimize the dynamic
range of the amplifier in relation to the PVDD supply voltage.
In software mode, the initial 19 dB gain setting can be updated
through the control interface. In standalone mode, the I2C
interface pins set the gain of the device. Table 19 summarizes
the gain settings and load drive characteristics of the amplifier.
The amplifier analog gain is set prior to enabling the device
outputs and must not be changed during operation. A proper
mute/unmute sequence is required to prevent audible transients
between gain settings.
Finer level control is available in the digital domain, with a very
flexible −70 dB to +24 dB, 0.375 dB/step ramp volume control
and selectable nonaliasing clipping point. The digital volume
control also includes a playback level limiter that can be set in
tandem with the battery voltage monitor to prevent the amplifier
from browning out the system when battery level is critically low.
POP AND CLICK SUPPRESSION
Pops and clicks are undesirable audible transients generated by
the amplifier system that do not come from the system input
signal. Voltage transients as small as 10 mV can be heard as an
audible pop in the speaker. Voltage transients at the output of
audio amplifiers often occur when shutdown is activated or
deactivated. The SSM3582A has a pop and click suppression
architecture that reduces these output transients, resulting in
noiseless activation and deactivation. Set either mute or power-
down before BCLK is removed to ensure a pop free experience.
TEMPERATURE SENSOR
The SSM3582A contains an 8-bit ADC that measures the die
temperature of the device and is enabled via the TEMP_PWDN bit
in Register 0x04. After the sensor is enabled, the temperature
can be read via the I2C in the TEMP register, Register 0x1B. The
temperature information is stored in Register 0x1B in an 8-bit,
unsigned format. The ADC input range is fixed internally from
−60°C to +195°C. To convert the hexadecimal value to the
temperature (Celsius) value, use the following steps:
1. Convert the hexadecimal value to decimal and then
subtract 60. For example, if the hexadecimal value is 0x54,
the decimal value is 84.
2. Calculate the temperature using the following equation:
Temperature = Decimal Value − 60
With a decimal value of 84,
Temperature = 84 − 60 = 24°C
Table 19. Analog Gain Settings and Drive Characteristics
ANA_GAIN
Gain (dB)
Output Voltage (VOUT)
Bit 1
Bit 0
RMS (V rms)
Peak (V)
0
0
13
4.38
6.2
0
1
16
6.18
8.75
1
0
19
8.83
12.5
1
1
21
11.22
15.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com