Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  SSM3582ACPZ-R7 Datasheet HTML 1Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 2Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 3Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 4Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 5Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 6Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 7Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 8Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
2×, 31.76 W, Digital Input,
Filterless Stereo Class D Audio Amplifier
Data Sheet
SSM3582A
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2019–2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Digital input stereo, high efficiency Class-D amplifier
Operates from a single 4.5 V to 16.5 V supply
State-of-the-art, proprietary, filterless Σ-Δ modulation
106.5 dB SNR at PO = 8.1 W, RL = 8 Ω, AV = 19 dB,
PVDD = 12 V, A weighted
0.004% THD + N at 5 W into 8 Ω
38.5 µV rms output voltage noise, f = 20 Hz to 20 kHz,
A weighted, PVDD = 16 V, 8 Ω
Pop and clickless on and off sequence
2× 14.67 W output at 12 V supply to 4 Ω loads at <1% THD + N
2× 14.4 W output at 16 V supply to 8 Ω loads at <1% THD + N
Mono mode for increased maximum output power
1× 49.69 W output at 16 V supply to 2 Ω loads at <1% THD + N
Support for low impedance loads
As low as 3 Ω/5 μH in stereo mode
As low as 2 Ω/5 μH in mono mode
High power efficiency
93.8% efficiency into an 8 Ω load
90.6% efficiency into a 4 Ω load
12.34 mA quiescent current with single 12 V PVDD supply
Single-supply operation with internal LDOs or option to use
an external 5 V and 1.8 V supply for lowest power
consumption
I2C control and hardware modes with up to 16 pin-selectable
slots/addresses
Supported sample rates from 8 kHz to 192 kHz with 24-bit
resolution
Multiple PCM audio serial data formats
TDM slave with support for up to 16 devices on a single bus
I2S or left justified slave
Adjustable full-scale output tailored for many PVDD sources
2- and 3-cell Li-Ion batteries
Digital volume control with selectable smooth ramp
Automatic power-down function
Supply monitoring automatic gain control (AGC) function
reduces system brownout
Standalone operational mode without I2C
Temperature sensor with 1°C step readout via I2C
Short-circuit, undervoltage, and thermal protection
Thermal early warning
Power-on reset
PVDD sensing ADC
40-lead, 6 mm × 6 mm LFCSP with thermal pad
APPLICATIONS
Mobile computing
All in one computers
Portable electronics
Wireless speakers
Televisions
FUNCTIONAL BLOCK DIAGRAM
OUTL+
OUTL–
SDA
SCL
ADDR0
ADDR1
PVDD
DVDD
AGND
BSTL+
BSTL–
PGND
DAC
PVDD
ADC
TEMPERATURE
SENSOR
DVDD
1.8V LDO
VOLUME
BATTERY
AGC
SSM3582A
THREE-LEVEL
Σ-Δ
MODULATOR
FULL BRIDGE
POWER STAGE
I2C
CONTROL
I2S
TDM
INTERFACE
BCLK
FSYNC
SDATA
OUTR+
OUTR–
BSTR+
BSTR–
DAC
THREE-LEVEL
Σ-Δ
MODULATOR
FULL BRIDGE
POWER STAGE
DVDD_EN
AVDD
AVDD
5V LDO
AVDD_EN
Figure 1.


Similar Part No. - SSM3582ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM3582 AD-SSM3582 Datasheet
751Kb / 59P
2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
4/16-Revision 0
SSM3582BCPZ AD-SSM3582BCPZ Datasheet
751Kb / 59P
2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
4/16-Revision 0
SSM3582BCPZR7 AD-SSM3582BCPZR7 Datasheet
751Kb / 59P
2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
4/16-Revision 0
SSM3582BCPZRL AD-SSM3582BCPZRL Datasheet
751Kb / 59P
2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
4/16-Revision 0
More results

Similar Description - SSM3582ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2 Datasheet
256Kb / 17P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
2 W Filterless Class-D Stereo Audio Amplifier
7/06-Revision 0
logo
Texas Instruments
TPA2000D2 TI-TPA2000D2_07 Datasheet
608Kb / 20P
2-W FILTERLESS STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
2 W Filterless Class-D Stereo Audio Amplifier
REV. 0
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM3515 AD-SSM3515 Datasheet
1Mb / 41P
31 W, Filterless, Class-D Digital Input Audio Amplifier
REV. 0
SSM2518 AD-SSM2518_18 Datasheet
2Mb / 48P
Digital Input Stereo, 2 W, Class-D Audio Power Amplifier
1/2018-Rev. A to Rev. B
SSM3302 AD-SSM3302_13 Datasheet
851Kb / 20P
2 횞10 W Filterless Class-D Stereo Audio Amplifier
5/13-Rev. 0 to Rev. A
SSM3582 AD-SSM3582 Datasheet
751Kb / 59P
2횞, 31.76 W, Digital Input, Filterless Stereo Class-D Audio Amplifier
4/16-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com