Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3582ACPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # SSM3582ACPZ-R7
Description  2×, 31.76 W, Digital Input, Filterless Stereo Class D Audio Amplifier
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM3582ACPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button SSM3582ACPZ-R7 Datasheet HTML 33Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 34Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 35Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 36Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 37Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 38Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 39Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 40Page - Analog Devices SSM3582ACPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
Data Sheet
SSM3582A
Rev. A | Page 37 of 58
LAYOUT
As output power increases, care must be taken to lay out PCB
traces and wires properly among the amplifier, load, and power
supply. A poor layout increases voltage drops, consequently
decreasing efficiency. A good practice is to use short, wide PCB
tracks to decrease voltage drops and minimize inductance. For
the lowest dc resistance (DCR) and minimum inductance,
ensure that track widths for the outputs are at least 200 mil for
every inch of length and use 1 oz. or 2 oz. copper.
To maintain high output swing and high peak output power,
and to maintain minimal trace resistances, the PCB traces that
connect the output pins to the load and supply pins must be as
wide as possible. In addition, good PCB layout isolates critical
analog paths from sources of high interference. Separate high
frequency circuits (analog and digital) from low frequency circuits.
PVDD and PGND carry most of the device current, and must
be properly decoupled with multiple capacitors at the device
pins. To minimize ground bounce, use independent large traces
to carry PVDD and PGND to the power supply, thus reducing
the amount of noise the amplifier bridges inject in the circuit,
particularly if common ground impedance is significant. Proper
grounding guidelines help improve audio performance, minimize
crosstalk between channels, and prevent switching noise from
coupling into the audio signal.
Properly designed multilayer PCBs can reduce EMI emission
and increase immunity to the RF field by a factor of 10 or more,
compared with double sided boards. A multilayer board allows
a complete layer to be used for the ground plane, whereas the
ground plane side of a double sided board is often disrupted by
signal crossover.
If the system has separate analog and digital ground and power
planes, the analog ground plane must be directly beneath the
analog power plane, and, similarly, the digital ground plane must
be directly beneath the digital power plane. There must be no
overlap between the analog and digital ground planes or between
the analog and digital power planes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com