Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 45 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 45 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 41Page - Altera Corporation APEX20KC Datasheet HTML 42Page - Altera Corporation APEX20KC Datasheet HTML 43Page - Altera Corporation APEX20KC Datasheet HTML 44Page - Altera Corporation APEX20KC Datasheet HTML 45Page - Altera Corporation APEX20KC Datasheet HTML 46Page - Altera Corporation APEX20KC Datasheet HTML 47Page - Altera Corporation APEX20KC Datasheet HTML 48Page - Altera Corporation APEX20KC Datasheet HTML 49Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
Altera Corporation
45
APEX 20KC Programmable Logic Device Data Sheet
Signals can be driven into APEX 20KC devices before and during power-
up without damaging the device. In addition, APEX 20KC devices do not
drive out during power-up. Once operating conditions are reached and
the device is configured, APEX 20KC devices operate as specified by the
user.
MultiVolt I/O
Interface
The APEX architecture supports the MultiVolt I/O interface feature,
which allows APEX devices in all packages to interface with systems of
different supply voltages. The devices have one set of VCC pins for
internal operation and input buffers (VCCINT), and another set for I/O
output drivers (VCCIO).
APEX 20KC devices support the MultiVolt I/O interface feature. The
APEX 20KC VCCINT pins must always be connected to a 1.8-V power
supply. With a 1.8-V VCCINT level, input pins are 1.8-V, 2.5-V, and 3.3-V
tolerant. The VCCIO pins can be connected to either a 1.8-V, 2.5-V, or 3.3-V
power supply, depending on the I/O standard requirements. When the
VCCIO
pins are connected to a 1.8-V power supply, the output levels are
compatible with 1.8-V systems. When VCCIO pins are connected to a 2.5-V
power supply, the output levels are compatible with 2.5-V systems. When
VCCIO
pins are connected to a 3.3-V power supply, the output high is
3.3 V and compatible with 3.3-V or 5.0-V systems. An APEX 20KC device
is 5.0-V tolerant with the addition of a resistor and the PCI clamp diode
enabled.
f For more information on 5.0-V tolerance, refer to the “5.0-V Tolerance in
APEX 20KE Devices White Paper,” as the information found therein also
applies to APEX 20KC devices.
Table 10 summarizes APEX 20KC MultiVolt I/O support.
Notes to Table 10:
(1)
The PCI clamping diode must be disabled to drive an input with voltages higher than VCCIO, except for the 5.0-V
input case.
(2)
An APEX 20KC device can be made 5.0-V tolerant with the addition of an external resistor and the PCI clamp diode
enabled.
(3)
When VCCIO = 3.3 V, an APEX 20KC device can drive a 2.5-V device with 3.3-V tolerant inputs.
Table 10. APEX 20KC MultiVolt I/O Support
VCCIO (V)
Input Signals (V)
Output Signals (V)
1.8
2.5
3.3
5.0
1.8
2.5
3.3
5.0
1.8
vv (1)
v (1)
v
2.5
vv (1)
v
3.3
vv
v (2)
v (3)
vv



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com