Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 71 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 71 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 67Page - Altera Corporation APEX20KC Datasheet HTML 68Page - Altera Corporation APEX20KC Datasheet HTML 69Page - Altera Corporation APEX20KC Datasheet HTML 70Page - Altera Corporation APEX20KC Datasheet HTML 71Page - Altera Corporation APEX20KC Datasheet HTML 72Page - Altera Corporation APEX20KC Datasheet HTML 73Page - Altera Corporation APEX20KC Datasheet HTML 74Page - Altera Corporation APEX20KC Datasheet HTML 75Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 90 page
background image
Altera Corporation
71
APEX 20KC Programmable Logic Device Data Sheet
Notes to Tables 40 and 41:
(1)
These timing parameters are sample-tested only.
(2)
For more information, refer to Table 43.
Tables 42 and 43 define the timing delays for each I/O standard. Some
output standards require test load circuits for AC timing measurements as
shown in Figures 36 through 38.
Table 41. APEX 20KC External Bidirectional Timing Parameters
Note (1)
Symbol
Parameter
Condition
tINSUBIDIR
Setup time for bidirectional pins with global clock at LAB-adjacent input
register
tINHBIDIR
Hold time for bidirectional pins with global clock at LAB-adjacent input
register
tOUTCOBIDIR
Clock-to-output delay for bidirectional pins with global clock at IOE
register
(2)
tXZBIDIR
Synchronous output enable register to output buffer disable delay
(2)
tZXBIDIR
Synchronous output enable register to output buffer enable delay
(2)
tINSUBIDIRPLL
Setup time for bidirectional pins with PLL clock at LAB-adjacent input
register
tINHBIDIRPLL
Hold time for bidirectional pins with PLL clock at LAB-adjacent input
register
tOUTCOBIDIRPLL
Clock-to-output delay for bidirectional pins with PLL clock at IOE register (2)
tXZBIDIRPLL
Synchronous output enable register to output buffer disable delay with
PLL
(2)
tZXBIDIRPLL
Synchronous output enable register to output buffer enable delay with
PLL
(2)
Table 42. APEX 20KC Selectable I/O Standard Input Adder Delays (Part 1 of 2)
Note (1)
Symbol
Parameter
Condition
LVCMOS
Input adder delay for the LVCMOS I/O standard
LVTTL
Input adder delay for the LVTTL I/O standard
2.5 V
Input adder delay for the 2.5-V I/O standard
1.8 V
Input adder delay for the 1.8-V I/O standard
PCI
Input adder delay for the PCI I/O standard
GTl+
Input adder delay for the GTL+ I/O standard
SSTL-3 Class I
Input adder delay for the SSTL-3 Class I I/O standard
SSTL-3 Class II
Input adder delay for the SSTL-3 Class II I/O standard
SSTL-2 Class I
Input adder delay for the SSTL -2 Class I I/O standard
SSTL-2 Class II
Input adder delay for the SSTL -2 Class II I/O standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com