Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 59 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 59 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 55Page - Altera Corporation APEX20KC Datasheet HTML 56Page - Altera Corporation APEX20KC Datasheet HTML 57Page - Altera Corporation APEX20KC Datasheet HTML 58Page - Altera Corporation APEX20KC Datasheet HTML 59Page - Altera Corporation APEX20KC Datasheet HTML 60Page - Altera Corporation APEX20KC Datasheet HTML 61Page - Altera Corporation APEX20KC Datasheet HTML 62Page - Altera Corporation APEX20KC Datasheet HTML 63Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 90 page
background image
Altera Corporation
59
APEX 20KC Programmable Logic Device Data Sheet
Table 26. 3.3-V PCI-X Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VCCIO
Output supply
voltage
3.0
3.3
3.6
V
VIH
High-level input
voltage
0.5
× V
CCIO
VCCIO + 0.5
V
VIL
Low-level input
voltage
–0.5
0.35
× V
CCIO
V
VIPU
Input pull-up voltage
0.7
× V
CCIO
V
IIL
Input pin leakage
current
0 < VIN < VCCIO
–10.0
10.0
µA
VOH
High-level output
voltage
IOUT = –500 µA
0.9
× V
CCIO
V
VOL
Low-level output
voltage
IOUT = 1,500 µA
0.1
× V
CCIO
V
Lpin
Pin Inductance
15.0
nH
Table 27. 3.3-V LVDS I/O Specifications
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VCCIO
I/O supply voltage
3.135
3.3
3.465
V
VOD
Differential output
voltage
RL = 100 Ω
250
650
mV
∆ V
OD
Change in VOD
between high and
low
RL = 100 Ω
50
mV
VOS
Output offset voltage RL = 100 Ω
1.125
1.25
1.375
V
∆ V
OS
Change in VOS
between high and
low
RL = 100 Ω
50
mV
VTH
Differential input
threshold
VCM = 1.2 V
–100
100
mV
VIN
Receiver input
voltage range
0.0
2.4
V
RL
Receiver differential
input resistor
(external to APEX
devices)
90
100
110
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com