Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 49 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 49 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 45Page - Altera Corporation APEX20KC Datasheet HTML 46Page - Altera Corporation APEX20KC Datasheet HTML 47Page - Altera Corporation APEX20KC Datasheet HTML 48Page - Altera Corporation APEX20KC Datasheet HTML 49Page - Altera Corporation APEX20KC Datasheet HTML 50Page - Altera Corporation APEX20KC Datasheet HTML 51Page - Altera Corporation APEX20KC Datasheet HTML 52Page - Altera Corporation APEX20KC Datasheet HTML 53Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 90 page
background image
Altera Corporation
49
APEX 20KC Programmable Logic Device Data Sheet
Tables 11 and 12 summarize the ClockLock and ClockBoost parameters
for APEX 20KC devices.
Table 11. APEX 20KC ClockLock & ClockBoost Parameters
Note (1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
tR
Input rise time
5
ns
tF
Input fall time
5
ns
tINDUTY
Input duty cycle
40
60
%
tINJITTER
Input jitter peak-to-peak
2
% of input
period
%
tOUTJITTER
RMS jitter on ClockLock or
ClockBoost-generated clock
0.35
% of
output
period
%
tOUTDUTY
Duty cycle for ClockLock or
ClockBoost-generated clock
45
55
%
tLOCK (2), (3) Time required for ClockLock or
ClockBoost to acquire lock
40
µs
Table 12. APEX 20KC Clock Input & Output Parameters (Part 1 of 2)
Note (1)
Symbol
Parameter
I/O Standard
-7 Speed Grade
-8 Speed Grade
Units
Min
Max
Min
Max
fVCO (4)
Voltage controlled oscillator
operating range
200
500
200
500
MHz
fCLOCK0
Clock0 PLL output frequency
for internal use
1.5
335
1.5
200
MHz
fCLOCK1
Clock1 PLL output frequency
for internal use
20
335
20
200
MHz
fCLOCK0_EXT Output clock frequency for
external clock0 output
3.3-V LVTTL
(5)(5)
(5)(5)
MHz
2.5-V LVTTL
(5)(5)
(5)(5)
MHz
1.8-V LVTTL
(5)(5)
(5)(5)
MHz
GTL+
(5)(5)
(5)(5)
MHz
SSTL-2 Class I
(5)(5)
(5)(5)
MHz
SSTL-2 Class II
(5)(5)
(5)(5)
MHz
SSTL-3 Class I
(5)(5)
(5)(5)
MHz
SSTL-3 Class II
(5)(5)
(5)(5)
MHz
LVDS
(5)(5)
(5)(5)
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com