Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 4 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 4 Page - Altera Corporation

  APEX20KC Datasheet HTML 1Page - Altera Corporation APEX20KC Datasheet HTML 2Page - Altera Corporation APEX20KC Datasheet HTML 3Page - Altera Corporation APEX20KC Datasheet HTML 4Page - Altera Corporation APEX20KC Datasheet HTML 5Page - Altera Corporation APEX20KC Datasheet HTML 6Page - Altera Corporation APEX20KC Datasheet HTML 7Page - Altera Corporation APEX20KC Datasheet HTML 8Page - Altera Corporation APEX20KC Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
4
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
Notes to Tables 3 and 4:
(1)
I/O counts include dedicated input and clock pins.
(2)
APEX 20KC device package types include plastic quad flat pack (PQFP), 1.27-mm
pitch ball-grid array (BGA), and 1.00-mm pitch FineLine BGATM packages.
(3)
This device uses a thermally enhanced package, which is taller than the regular
package. Consult the Altera Device Package Information Data Sheet for detailed
package size information.
General
Description
Similar to APEX 20K and APEX 20KE devices, APEX 20KC devices offer
the MultiCore architecture, which combines the strengths of LUT-based
and product-term-based devices with an enhanced memory structure.
LUT-based logic provides optimized performance and efficiency for data-
path, register-intensive, mathematical, or digital signal processing (DSP)
designs. Product-term-based logic is optimized for complex
combinatorial paths, such as complex state machines. LUT- and product-
term-based logic combined with memory functions and a wide variety of
MegaCore and AMPP functions make the APEX 20KC architecture
uniquely suited for SOPC designs. Applications historically requiring a
combination of LUT-, product-term-, and memory-based devices can now
be integrated into one APEX 20KC device.
Table 4. APEX 20KC FineLine BGA Package Options & I/O Count Notes (1), (2)
Device
484 Pin
672 Pin
1,020 Pin
EP20K200C
376
EP20K400C
488 (3)
EP20K600C
508 (3)
588
EP20K1000C
508 (3)
708
Table 5. APEX 20KC QFP & BGA Package Sizes
Feature
208-Pin PQFP
240-Pin PQFP
356-Pin BGA
652-Pin BGA
Pitch (mm)
0.50
0.50
1.27
1.27
Area (mm2)
924
1,218
1,225
2,025
Length
× Width (mm × mm)
30.4
× 30.4
34.9
× 34.9
35.0
× 35.0
45.0
× 45.0
Table 6. APEX 20KC FineLine BGA Package Sizes
Feature
484 Pin
672 Pin
1,020 Pin
Pitch (mm)
1.00
1.00
1.00
Area (mm2)
529
729
1,089
Length
× Width (mm × mm)
23
× 23
27
× 27
33
× 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com