Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 43 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 43 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 39Page - Altera Corporation APEX20KC Datasheet HTML 40Page - Altera Corporation APEX20KC Datasheet HTML 41Page - Altera Corporation APEX20KC Datasheet HTML 42Page - Altera Corporation APEX20KC Datasheet HTML 43Page - Altera Corporation APEX20KC Datasheet HTML 44Page - Altera Corporation APEX20KC Datasheet HTML 45Page - Altera Corporation APEX20KC Datasheet HTML 46Page - Altera Corporation APEX20KC Datasheet HTML 47Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 90 page
background image
Altera Corporation
43
APEX 20KC Programmable Logic Device Data Sheet
Advanced I/O Standard Support
APEX 20KC IOEs support the following I/O standards: LVTTL,
LVCMOS, 1.8-V I/O, 2.5-V I/O, 3.3-V PCI, PCI-X, 3.3-V AGP, LVDS,
LVPECL, GTL+, CTT, HSTL Class I, SSTL-3 Class I and II, and SSTL-2
Class I and II.
f For more information on I/O standards supported by APEX 20KC
devices, see Application Note 117 (Using Selectable I/O Standards in Altera
Devices).
The APEX 20KC device contains eight I/O banks. In QFP packages, the
banks are linked to form four I/O banks. The I/O banks directly support
all standards except LVDS and LVPECL. All I/O banks can support LVDS
and LVPECL at up to 156 Mbps per channel with the addition of external
resistors. In addition, one block within a bank contains circuitry to
support high-speed True-LVDS and LVPECL inputs, and another block
within a bank supports high-speed True-LVDS and LVPECL outputs. The
LVDS blocks support all of the I/O standards. Each I/O bank has its own
VCCIO
pins. A single device can support 1.8-V, 2.5-V, and 3.3-V interfaces;
each bank can support a different standard independently. Each bank can
also use a separate VREF level so that each bank can support any of the
terminated standards (such as SSTL-3) independently. Within a bank, any
one of the terminated standards can be supported. EP20K400C and larger
APEX 20KC devices support the LVDS interface for data pins (EP20K200C
devices support LVDS clock pins, but not data pins). EP20K400C and
EP20K600C devices support LVDS for data pins at up to 840 Mbps per
channel. EP20K1000C devices support LVDS on 16 channels at up to 750
Mbps.
Each bank can support multiple standards with the same VCCIO for
output pins. Each bank can support one voltage-referenced I/O standard,
but it can support multiple I/O standards with the same VCCIO voltage
level. For example, when VCCIO is 3.3 V, a bank can support LVTTL,
LVCMOS, 3.3-V PCI, and SSTL-3 for inputs and outputs.
When the LVDS banks are not used for the LVDS I/O standard, they
support all of the other I/O standards. Figure 28 shows the arrangement
of the APEX 20KC I/O banks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com