Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 32 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 32 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 28Page - Altera Corporation APEX20KC Datasheet HTML 29Page - Altera Corporation APEX20KC Datasheet HTML 30Page - Altera Corporation APEX20KC Datasheet HTML 31Page - Altera Corporation APEX20KC Datasheet HTML 32Page - Altera Corporation APEX20KC Datasheet HTML 33Page - Altera Corporation APEX20KC Datasheet HTML 34Page - Altera Corporation APEX20KC Datasheet HTML 35Page - Altera Corporation APEX20KC Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 90 page
background image
32
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
Input/Output Clock Mode
The input/output clock mode contains two clocks. One clock controls all
registers for inputs into the ESB: data input, WE, RE, read address, and
write address. The other clock controls the ESB data output registers. The
ESB also supports clock enable and asynchronous clear signals; these
signals also control the reading and writing of registers independently.
Input/output clock mode is commonly used for applications where the
reads and writes occur at the same system frequency, but require different
clock enable signals for the input and output registers. Figure 21 shows
the ESB in input/output clock mode.
Figure 21. ESB in Input/Output Clock Mode
Note (1)
Note to Figure 21:
(1)
All registers can be cleared asynchronously by ESB local interconnect signals, global signals, or the chip-wide reset.
Dedicated Clocks
44
D
ENA
Q
D
ENA
Q
D
ENA
Q
D
ENA
Q
D
ENA
Q
data[ ]
rdaddress[ ]
wraddress[ ]
RAM/ROM
128
× 16
256
× 8
512
× 4
1,024
× 2
2,048
× 1
Data In
Read Address
Write Address
Read Enable
Write Enable
Data Out
outclken
inclken
inclock
outclock
D
ENA
Q
Write
Pulse
Generator
rden
wren
Dedicated Inputs &
Global Signals
To MegaLAB,
FastTrack &
Local
Interconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com