Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 30 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 30 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 26Page - Altera Corporation APEX20KC Datasheet HTML 27Page - Altera Corporation APEX20KC Datasheet HTML 28Page - Altera Corporation APEX20KC Datasheet HTML 29Page - Altera Corporation APEX20KC Datasheet HTML 30Page - Altera Corporation APEX20KC Datasheet HTML 31Page - Altera Corporation APEX20KC Datasheet HTML 32Page - Altera Corporation APEX20KC Datasheet HTML 33Page - Altera Corporation APEX20KC Datasheet HTML 34Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 90 page
background image
30
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
Figure 18. Deep Memory Block Implemented with Multiple ESBs
The ESB implements two forms of dual-port memory: read/write clock
mode and input/output clock mode. The ESB can also be used for
bidirectional, dual-port memory applications in which two ports read or
write simultaneously. To implement this type of dual-port memory, two
ESBs are used to support two simultaneous reads or writes.
The ESB can also use Altera megafunctions to implement dual-port RAM
applications where both ports can read or write, as shown in Figure 19.
Figure 19. APEX 20KC ESB Implementing Dual-Port RAM
ESB
ESB
ESB
to System Logic
Address Decoder
Port A
Port B
address_a[]
address_b[]
data_a[]
data_b[]
we_a
we_b
clkena_a
clkena_b
Clock A
Clock B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com