Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 2 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 2 Page - Altera Corporation

  APEX20KC Datasheet HTML 1Page - Altera Corporation APEX20KC Datasheet HTML 2Page - Altera Corporation APEX20KC Datasheet HTML 3Page - Altera Corporation APEX20KC Datasheet HTML 4Page - Altera Corporation APEX20KC Datasheet HTML 5Page - Altera Corporation APEX20KC Datasheet HTML 6Page - Altera Corporation APEX20KC Datasheet HTML 7Page - Altera Corporation APEX20KC Datasheet HTML 8Page - Altera Corporation APEX20KC Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 90 page
background image
2
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
...and More
Features
■
Low-power operation design
–
1.8-V supply voltage (see Table 2)
–
Copper interconnect reduces power consumption
–MultiVoltTM I/O support for 1.8-V, 2.5-V, and 3.3-V interfaces
–
ESBs offering programmable power-saving mode
■
Flexible clock management circuitry with up to four phase-locked
loops (PLLs)
–
Built-in low-skew clock tree
–
Up to eight global clock signals
–
ClockLockTM feature reducing clock delay and skew
–ClockBoostTM feature providing clock multiplication and
division
–
ClockShiftTM feature providing programmable clock phase and
delay shifting
■
Powerful I/O features
–
Compliant with peripheral component interconnect Special
Interest Group (PCI SIG) PCI Local Bus Specification,
Revision 2.2
for 3.3-V operation at 33 or 66 MHz and 32 or 64 bits
–
Support for high-speed external memories, including DDR
synchronous dynamic RAM (SDRAM) and ZBT static RAM
(SRAM)
–
16 input and 16 output LVDS channels at 840 megabits per
second (Mbps)
–
Direct connection from I/O pins to local interconnect providing
fast tCO and tSU times for complex logic
–
MultiVolt I/O support for 1.8-V, 2.5-V, and 3.3-V interfaces
–
Programmable clamp to VCCIO
–
Individual tri-state output enable control for each pin
–
Programmable output slew-rate control to reduce switching
noise
–
Support for advanced I/O standards, including low-voltage
differential signaling (LVDS), LVPECL, PCI-X, AGP, CTT,
SSTL-3 and SSTL-2, GTL+, and HSTL Class I
–
Supports hot-socketing operation
–
Pull-up on I/O pins before and during configuration
Note to Table 2:
(1)
APEX 20KC devices can be 5.0-V tolerant by using an external resistor.
Table 2. APEX 20KC Supply Voltages
Feature
Voltage
Internal supply voltage (VCCINT)
1.8 V
MultiVolt I/O interface voltage levels (VCCIO) 1.8 V, 2.5 V, 3.3 V, 5.0 V (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com