Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 44 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 44 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 40Page - Altera Corporation APEX20KC Datasheet HTML 41Page - Altera Corporation APEX20KC Datasheet HTML 42Page - Altera Corporation APEX20KC Datasheet HTML 43Page - Altera Corporation APEX20KC Datasheet HTML 44Page - Altera Corporation APEX20KC Datasheet HTML 45Page - Altera Corporation APEX20KC Datasheet HTML 46Page - Altera Corporation APEX20KC Datasheet HTML 47Page - Altera Corporation APEX20KC Datasheet HTML 48Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
44
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
Figure 28. APEX 20KC I/O Banks
Notes to Figure 28:
(1)
For more information on placing I/O pins in LVDS blocks, refer to the “Guidelines for Using LVDS Blocks” section
in Application Note 120 (Using LVDS in APEX 20KE Devices).
(2)
If the LVDS input and output blocks are not used for LVDS, they can support all of the I/O standards and can be
used as input, output, or bidirectional pins with VCCIO set to 3.3 V, 2.5 V, or 1.8 V.
Power Sequencing & Hot Socketing
Because APEX 20KC devices can be used in a mixed-voltage environment,
they have been designed specifically to tolerate any possible power-up
sequence. Therefore, the VCCIO and VCCINT power supplies may be
powered in any order.
LVDS Input
Block (2)
(1)
LVDS Output
Block (2)
(1)
Individual
Power Bus
I/O Bank 8
I/O Bank 1
I/O Bank 2
I/O Bank 3
I/O Bank 4
I/O Bank 5
I/O Bank 6
I/O Bank 7
Regular I/O Banks Support
■ LVPECL
■ LVTTL
■ LVCMOS
■ 2.5 V
■ 1.8 V
■ 3.3-V PCI
■ GTL+
■ HSTL
■ SSTL-2 Class I and II
■ SSTL-3 Class I and II
■ CTT
■ AGP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com