Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 35 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 35 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 31Page - Altera Corporation APEX20KC Datasheet HTML 32Page - Altera Corporation APEX20KC Datasheet HTML 33Page - Altera Corporation APEX20KC Datasheet HTML 34Page - Altera Corporation APEX20KC Datasheet HTML 35Page - Altera Corporation APEX20KC Datasheet HTML 36Page - Altera Corporation APEX20KC Datasheet HTML 37Page - Altera Corporation APEX20KC Datasheet HTML 38Page - Altera Corporation APEX20KC Datasheet HTML 39Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 90 page
background image
Altera Corporation
35
APEX 20KC Programmable Logic Device Data Sheet
Figure 23. APEX 20KC CAM Block Diagram
CAM can be used in any application requiring high-speed searches, such
as networking, communications, data compression, and cache
management.
The APEX 20KC on-chip CAM provides faster system performance than
traditional discrete CAM. Integrating CAM and logic into the APEX 20KC
device eliminates off-chip and on-chip delays, improving system
performance.
When in CAM mode, the ESB implements 32-word, 32-bit CAM. Wider or
deeper CAM can be implemented by combining multiple CAMs with
some ancillary logic implemented in LEs. The Quartus II software
combines ESBs and LEs automatically to create larger CAMs.
CAM supports writing “don’t care” bits into words of the memory. The
“don’t care” bit can be used as a mask for CAM comparisons; any bit set
to “don’t care” has no effect on matches.
The output of the CAM can be encoded or unencoded. When encoded, the
ESB outputs an encoded address of the data’s location. For instance, if the
data is located in address 12, the ESB output is 12. When unencoded, the
ESB uses its 16 outputs to show the location of the data over two clock
cycles. In this case, if the data is located in address 12, the 12th output line
goes high. When using unencoded outputs, two clock cycles are required
to read the output because a 16-bit output bus is used to show the status
of 32 words.
The encoded output is better suited for designs that ensure duplicate data
is not written into the CAM. If duplicate data is written into two locations,
the CAM’s output will be incorrect. If the CAM may contain duplicate
data, the unencoded output is a better solution; CAM with unencoded
outputs can distinguish multiple data locations.
CAM can be pre-loaded with data during configuration, or it can be
written during system operation. In most cases, two clock cycles are
required to write each word into CAM. When “don’t care” bits are used,
a third clock cycle is required.
wraddress[]
data[]
wren
inclock
inclocken
inaclr
data_address[]
match
outclock
outclocken
outaclr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com