Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 8 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 8 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 4Page - Altera Corporation APEX20KC Datasheet HTML 5Page - Altera Corporation APEX20KC Datasheet HTML 6Page - Altera Corporation APEX20KC Datasheet HTML 7Page - Altera Corporation APEX20KC Datasheet HTML 8Page - Altera Corporation APEX20KC Datasheet HTML 9Page - Altera Corporation APEX20KC Datasheet HTML 10Page - Altera Corporation APEX20KC Datasheet HTML 11Page - Altera Corporation APEX20KC Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 90 page
background image
8
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
The ESB can implement a variety of memory functions, including CAM,
RAM, dual-port RAM, ROM, and FIFO functions. Embedding the
memory directly into the die improves performance and reduces die area
compared to distributed-RAM implementations. Moreover, the
abundance of cascadable ESBs allows APEX 20KC devices to implement
multiple wide memory blocks for high-density designs. The ESB’s high
speed ensures it can implement small memory blocks without any speed
penalty. Additionally, designers can use the ESBs to create as many
different-sized memory blocks as the system requires. Figure 1 shows an
overview of the APEX 20KC device.
Figure 1. APEX 20KC Device Block Diagram
APEX 20KC devices provide four dedicated clock pins and four dedicated
input pins that drive register control inputs. These signals ensure efficient
distribution of high-speed, low-skew control signals, which use dedicated
routing channels to provide short delays and low skews. Four of the
dedicated inputs drive four global signals. These four global signals can
also be driven by internal logic, providing an ideal solution for a clock
divider or internally generated asynchronous clear signals with high
fan-out. The dedicated clock pins featured on the APEX 20KC devices can
also feed logic. The devices also feature ClockLock and ClockBoost clock
management circuitry.
LUT
LUT
LUT
LUT
LUT
Memory
Memory
Memory
Memory
IOE
IOE
IOE
IOE
IOE
IOE
IOE
IOE
LUT
LUT
Memory
Memory
IOE
IOE
Product Term
Product Term
LUT
LUT
Memory
Memory
IOE
IOE
Product Term
Product Term
Product Term
Product Term
Product Term
Product Term
FastTrack
Interconnect
Clock Management Circuitry
IOEs support
PCI, GTL+,
SSTL-3, LVDS,
and other
standards.
ClockLock
Four-input LUT
for data path and
DSP functions.
Product-term
integration for
high-speed
control logic and
state machines.
Flexible integration
of embedded
memory, including
CAM, RAM,
ROM, FIFO, and
other memory
functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com