Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 22 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 22 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 18Page - Altera Corporation APEX20KC Datasheet HTML 19Page - Altera Corporation APEX20KC Datasheet HTML 20Page - Altera Corporation APEX20KC Datasheet HTML 21Page - Altera Corporation APEX20KC Datasheet HTML 22Page - Altera Corporation APEX20KC Datasheet HTML 23Page - Altera Corporation APEX20KC Datasheet HTML 24Page - Altera Corporation APEX20KC Datasheet HTML 25Page - Altera Corporation APEX20KC Datasheet HTML 26Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
22
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
Figure 11 shows the intersection of a row and column interconnect, and
how these forms of interconnects and LEs drive each other.
Figure 11. Driving the FastTrack Interconnect
APEX 20KC devices include an enhanced interconnect structure for faster
routing of input signals with high fan-out. Column I/O pins can drive the
FastRowTM interconnect, which routes signals directly into the local
interconnect without having to drive through the MegaLAB interconnect.
The FastRow lines traverse two MegaLAB structures. Also, these pins can
drive the local interconnect directly for fast setup times. On EP20K400C
and larger devices, the FastRow interconnect drives the two MegaLAB
structures in the top left corner, the two MegaLAB structures in the two
right corner, the two MegaLAB structures in the bottom left corner, and
the two MegaLAB structures in the bottom right corner. On EP20K200C
and smaller devices, FastRow interconnect drives the two MegaLAB
structures on the top and the two MegaLAB structures on the bottom of
the device. On all devices, the FastRow interconnect drives all local
interconnect in the appropriate MegaLAB structures except the end local
interconnect on the side of the MegaLAB opposite the ESB. Pins using the
FastRow interconnect achieve a faster set-up time, as the signal does not
need to use a MegaLAB interconnect line to reach the destination LE.
Figure 12 shows the FastRow interconnect.
Row Interconnect
MegaLAB Interconnect
LE
Column
Interconnect
Local
Interconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com