Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 72 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 72 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 68Page - Altera Corporation APEX20KC Datasheet HTML 69Page - Altera Corporation APEX20KC Datasheet HTML 70Page - Altera Corporation APEX20KC Datasheet HTML 71Page - Altera Corporation APEX20KC Datasheet HTML 72Page - Altera Corporation APEX20KC Datasheet HTML 73Page - Altera Corporation APEX20KC Datasheet HTML 74Page - Altera Corporation APEX20KC Datasheet HTML 75Page - Altera Corporation APEX20KC Datasheet HTML 76Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 90 page
background image
72
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
Note to Tables 42 and 43:
(1)
These delays report the differences in delays for different I/O standards. Add the delay for the I/O standard that
is used to the external timing parameters.
(2)
See Figure 36 for more information.
LVDS
Input adder delay for the LVDS I/O standard
CTT
Input adder delay for the CTT I/O standard
AGP
Input adder delay for the AGP I/O standard
Table 43. APEX 20KC Selectable I/O Standard Output Adder Delays
Note (1)
Symbol
Parameter
Condition
LVCMOS
Output adder delay for the LVCMOS I/O standard
LVTTL
Output adder delay for the LVTTL I/O standard
Cload = 35 pF
Rup = 564.5
Ω
Rdn = 430
Ω (2)
2.5 V
Output adder delay for the 2.5-V I/O standard
Cload = 35 pF
Rup = 450
Ω
Rdn = 450
Ω (2)
1.8 V
Output adder delay for the 1.8-V I/O standard
Cload = 35 pF
Rup = 520
Ω
Rdn = 480
Ω (2)
PCI
Output adder delay for the PCI I/O standard
Cload = 10 pF
Rup = 1M
Ω
Rdn = 25
Ω (2)
GTl+
Output adder delay for the GTL+ I/O standard
Cload = 30 pF
Rup = 25
Ω (2)
SSTL-3 Class I
Output adder delay for the SSTL-3 Class I I/O standard Cload1 = 0 pF
Cload2 = 30 pF
R = 25
Ω (2)
SSTL-3 Class II
Output adder delay for the SSTL-3 Class II I/O standard Cload1 = 0 pF
Cload2 = 30 pF
R = 25
Ω (2)
SSTL-2 Class I
Output adder delay for the SSTL-2 Class I I/O standard
SSTL-2 Class II
Output adder delay for the SSTL-2 Class II I/O standard
LVDS
Output adder delay for the LVDS I/O standard
Cload = 4 pF
R=100
Ω (2)
CTT
Output adder delay for the CTT I/O standard
AGP
Output adder delay for the AGP I/O standard
Table 42. APEX 20KC Selectable I/O Standard Input Adder Delays (Part 2 of 2)
Note (1)
Symbol
Parameter
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com