Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 56 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 56 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 52Page - Altera Corporation APEX20KC Datasheet HTML 53Page - Altera Corporation APEX20KC Datasheet HTML 54Page - Altera Corporation APEX20KC Datasheet HTML 55Page - Altera Corporation APEX20KC Datasheet HTML 56Page - Altera Corporation APEX20KC Datasheet HTML 57Page - Altera Corporation APEX20KC Datasheet HTML 58Page - Altera Corporation APEX20KC Datasheet HTML 59Page - Altera Corporation APEX20KC Datasheet HTML 60Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
56
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
Notes to Tables 17 through 20:
(1)
See the Operating Requirements for Altera Devices Data Sheet.
(2)
Minimum DC input is –0.5 V. During transitions, the inputs may undershoot to –2.0 V or overshoot to 4.6 V for input
currents less than 100 mA and time periods shorter than 20 ns.
(3)
Numbers in parentheses are for industrial-temperature-range devices.
(4)
Maximum VCC rise time is 100 ms, and VCC must rise monotonically.
(5)
All pins, including dedicated inputs, clock, I/O, and JTAG pins, may be driven before VCCINT and VCCIO are
powered.
(6)
Typical values are for TA = 25° C, VCCINT = 1.8 V, and VCCIO = 1.8 V, 2.5 V or 3.3 V.
(7)
These values are specified under the APEX 20KC device recommended operating conditions, shown in Table 18 on
page 55.
(8)
This value is specified for normal device operation. The value may vary during power-up.
(9)
Pin pull-up resistance values will be lower if an external source drives the pin higher than VCCIO.
(10) Capacitance is sample-tested only.
Tables 21 through 35 list the DC operating specifications for the supported
I/O standards. These tables list minimal specifications only; APEX 20KC
devices may exceed these specifications.
Table 20. APEX 20KC Device Capacitance
Note (10)
Symbol
Parameter
Conditions
Min
Max
Unit
CIN
Input capacitance
VIN = 0 V, f = 1.0 MHz
8
pF
CINCLK Input capacitance on
dedicated clock pin
VIN = 0 V, f = 1.0 MHz
12
pF
COUT
Output capacitance
VOUT = 0 V, f = 1.0 MHz
8
pF
Table 21. LVTTL I/O Specifications
Symbol
Parameter
Conditions
Minimum
Maximum
Units
VCCIO
Output supply
voltage
3.0
3.6
V
VIH
High-level input
voltage
2.0
VCCIO + 0.3
V
VIL
Low-level input
voltage
–0.3
0.8
V
II
Input pin leakage
current
VIN = 0 V or 3.3 V
–10
10
µA
VOH
High-level output
voltage
IOH = –12 mA,
VCCIO = 3.0 V (1)
2.4
V
VOL
Low-level output
voltage
IOL = 12 mA,
VCCIO = 3.0 V (2)
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com