Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 1 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 1 Page - Altera Corporation

  APEX20KC Datasheet HTML 1Page - Altera Corporation APEX20KC Datasheet HTML 2Page - Altera Corporation APEX20KC Datasheet HTML 3Page - Altera Corporation APEX20KC Datasheet HTML 4Page - Altera Corporation APEX20KC Datasheet HTML 5Page - Altera Corporation APEX20KC Datasheet HTML 6Page - Altera Corporation APEX20KC Datasheet HTML 7Page - Altera Corporation APEX20KC Datasheet HTML 8Page - Altera Corporation APEX20KC Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
®
Altera Corporation
1
APEX 20KC
Programmable Logic
Device
February 2004 ver. 2.2
Data Sheet
DS-APEX20KC-2.2
Features...
■
Programmable logic device (PLD) manufactured using a 0.15-µm all-
layer copper-metal fabrication process
–
25 to 35% faster design performance than APEXTM 20KE devices
–
Pin-compatible with APEX 20KE devices
–
High-performance, low-power copper interconnect
–MultiCoreTM architecture integrating look-up table (LUT) logic
and embedded memory
–
LUT logic used for register-intensive functions
–
Embedded system blocks (ESBs) used to implement memory
functions, including first-in first-out (FIFO) buffers, dual-port
RAM, and content-addressable memory (CAM)
■
High-density architecture
–
200,000 to 1 million typical gates (see Table 1)
–
Up to 38,400 logic elements (LEs)
–
Up to 327,680 RAM bits that can be used without reducing
available logic
Notes to Table 1:
(1)
The embedded IEEE Std. 1149.1 Joint Test Action Group (JTAG) boundary-scan circuitry contributes up to
57,000 additional gates.
(2)
PLL: phase-locked loop.
(3)
The -7 speed grade provides the fastest performance.
Table 1. APEX 20KC Device Features
Note (1)
Feature
EP20K200C
EP20K400C
EP20K600C
EP20K1000C
Maximum system gates
526,000
1,052,000
1,537,000
1,772,000
Typical gates
200,000
400,000
600,000
1,000,000
LEs
8,320
16,640
24,320
38,400
ESBs
52
104
152
160
Maximum RAM bits
106,496
212,992
311,296
327,680
PLLs (2)
2444
Speed grades (3)
-7, -8, -9
-7, -8, -9
-7, -8, -9
-7, -8, -9
Maximum macrocells
832
1,664
2,432
2,560
Maximum user I/O pins
376
488
588
708


Similar Part No. - APEX20KC

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
APEX20K ALTERA-APEX20K Datasheet
718Kb / 117P
Programmable Logic Device Family
More results

Similar Description - APEX20KC

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
Programmable Logic Device
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7064AELC44-10 ALTERA-EPM7064AELC44-10 Datasheet
1,018Kb / 64P
Programmable Logic Device
EP20K1000CF672C8 ALTERA-EP20K1000CF672C8 Datasheet
621Kb / 90P
Programmable Logic Device
EPM7256AEFC100-10N ALTERA-EPM7256AEFC100-10N Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7032AELC44-10 ALTERA-EPM7032AELC44-10 Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7064AETI100-7N ALTERA-EPM7064AETI100-7N Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7128AETC100-7N ALTERA-EPM7128AETC100-7N Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7256AEQI208-7N ALTERA-EPM7256AEQI208-7N Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7256AETC144-10N ALTERA-EPM7256AETC144-10N Datasheet
1,018Kb / 64P
Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com