Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 88 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 88 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 82Page - Altera Corporation APEX20KC Datasheet HTML 83Page - Altera Corporation APEX20KC Datasheet HTML 84Page - Altera Corporation APEX20KC Datasheet HTML 85Page - Altera Corporation APEX20KC Datasheet HTML 86Page - Altera Corporation APEX20KC Datasheet HTML 87Page - Altera Corporation APEX20KC Datasheet HTML 88Page - Altera Corporation APEX20KC Datasheet HTML 89Page - Altera Corporation APEX20KC Datasheet HTML 90Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 88 / 90 page
background image
88
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
Figure 39. APEX 20KC Device Packaging Ordering Information
Revision
History
The information contained in the APEX 20KC Programmable Logic Device
Data Sheet version 2.2 supersedes information published in previous
versions.
Version 2.2
The following changes were made to the APEX 20KC Programmable Logic
Device Data Sheet version 2.2:
■
Updated Tables 1.
■
Updated notes in Tables 20.
Version 2.1
The following changes were made to the APEX 20KC Programmable Logic
Device Data Sheet version 2.1:
■
Removed figure on AC Test Conditions.
■
Updated conditions in Tables 40 and 41.
■
Added Tables 42 and 43.
■
Updated VOD in Table 27.
■
Added Figures 36 through 38.
■
Updated Tables 44 through 49.
■
Updated Tables 62 through 67.
■
Removed notes in Tables 44 through 67.
■
Various textual changes throughout the document.
Device Type
Package Type
7, 8, or 9, with 7 being the fastest
Number of pins for a particular package
ES:
Q:
B:
F:
Plastic quad flat package (PQFP)
Ball-grid array (BGA)
FineLine BGA
EP20K: APEX 20K
200C
400C
600C
1000C
C:
I:
Commercial temperature (tJ = 0˚ C to 85˚ C)
Industrial temperature (tJ = -40˚ C to 100˚ C)
Optional Suffix
Family Signature
Operating Temperature
Speed Grade
Pin Count
Engineering sample
7
EP20K
1000C
C
1020
FES
Indicates specific device options or
shipment method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com