Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 48 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 48 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 44Page - Altera Corporation APEX20KC Datasheet HTML 45Page - Altera Corporation APEX20KC Datasheet HTML 46Page - Altera Corporation APEX20KC Datasheet HTML 47Page - Altera Corporation APEX20KC Datasheet HTML 48Page - Altera Corporation APEX20KC Datasheet HTML 49Page - Altera Corporation APEX20KC Datasheet HTML 50Page - Altera Corporation APEX20KC Datasheet HTML 51Page - Altera Corporation APEX20KC Datasheet HTML 52Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
48
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
ClockLock & ClockBoost Timing Parameters
For the ClockLock and ClockBoost circuitry to function properly, the
incoming clock must meet certain requirements. If these specifications are
not met, the circuitry may not lock onto the incoming clock, which
generates an erroneous clock within the device. The clock generated by
the ClockLock and ClockBoost circuitry must also meet certain
specifications. If the incoming clock meets these requirements during
configuration, the APEX 20KC ClockLock and ClockBoost circuitry will
lock onto the clock during configuration. The circuit will be ready for use
immediately after configuration. In APEX 20KC devices, the clock input
standard is programmable, so the PLL cannot respond to the clock until
the device is configured. The PLL locks onto the input clock as soon as
configuration is complete. Figure 29 shows the incoming and generated
clock specifications.
1
For more information on ClockLock and ClockBoost circuitry,
see Application Note 115: Using the ClockLock and ClockBoost PLL
Features in APEX Devices.
Figure 29. Specifications for the Incoming & Generated Clocks
The tI parameter refers to the nominal input clock period; the tO parameter refers to the
nominal output clock period.
Note to Figure 29:
(1)
Rise and fall times are measured from 10% to 90%.
Input
Clock
ClockLock
Generated
Clock
f CLK1 f CLK2
f CLK4
t INDUTY
t I + t CLKDEV
t R
t F
t O
t I + t INCLKSTB
t O
tO
t JITTER
tO + t JITTER
tOUTDUTY
,,
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com