Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 18 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 18 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 14Page - Altera Corporation APEX20KC Datasheet HTML 15Page - Altera Corporation APEX20KC Datasheet HTML 16Page - Altera Corporation APEX20KC Datasheet HTML 17Page - Altera Corporation APEX20KC Datasheet HTML 18Page - Altera Corporation APEX20KC Datasheet HTML 19Page - Altera Corporation APEX20KC Datasheet HTML 20Page - Altera Corporation APEX20KC Datasheet HTML 21Page - Altera Corporation APEX20KC Datasheet HTML 22Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 90 page
background image
18
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
Normal Mode
The normal mode is suitable for general logic applications, combinatorial
functions, or wide decoding functions that can take advantage of a
cascade chain. In normal mode, four data inputs from the LAB local
interconnect and the carry-in are inputs to a four-input LUT. The
Quartus II Compiler automatically selects the carry-in or the DATA3 signal
as one of the inputs to the LUT. The LUT output can be combined with the
cascade-in signal to form a cascade chain through the cascade-out signal.
LEs in normal mode support packed registers.
Arithmetic Mode
The arithmetic mode is ideal for implementing adders, accumulators, and
comparators. An LE in arithmetic mode uses two 3-input LUTs. One LUT
computes a three-input function; the other generates a carry output. As
shown in Figure 8, the first LUT uses the carry-in signal and two data
inputs from the LAB local interconnect to generate a combinatorial or
registered output. For example, when implementing an adder, this output
is the sum of three signals: DATA1, DATA2, and carry-in. The second LUT
uses the same three signals to generate a carry-out signal, thereby creating
a carry chain. The arithmetic mode also supports simultaneous use of the
cascade chain. LEs in arithmetic mode can drive out registered and
unregistered versions of the LUT output.
The Quartus II software implements parameterized functions that use the
arithmetic mode automatically where appropriate; the designer does not
need to specify how the carry chain will be used.
Counter Mode
The counter mode offers clock enable, counter enable, synchronous
up/down control, synchronous clear, and synchronous load options. The
counter enable and synchronous up/down control signals are generated
from the data inputs of the LAB local interconnect. The synchronous clear
and synchronous load options are LAB-wide signals that affect all
registers in the LAB. Consequently, if any of the LEs in an LAB use the
counter mode, other LEs in that LAB must be used as part of the same
counter or be used for a combinatorial function. The Quartus II software
automatically places any registers that are not used by the counter into
other LABs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com