Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 38 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 38 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 34Page - Altera Corporation APEX20KC Datasheet HTML 35Page - Altera Corporation APEX20KC Datasheet HTML 36Page - Altera Corporation APEX20KC Datasheet HTML 37Page - Altera Corporation APEX20KC Datasheet HTML 38Page - Altera Corporation APEX20KC Datasheet HTML 39Page - Altera Corporation APEX20KC Datasheet HTML 40Page - Altera Corporation APEX20KC Datasheet HTML 41Page - Altera Corporation APEX20KC Datasheet HTML 42Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
38
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
APEX 20KC devices include an enhanced IOE, which drives the FastRow
interconnect. The FastRow interconnect connects a column I/O pin
directly to the LAB local interconnect within two MegaLAB structures.
This feature provides fast setup times for pins that drive high fan-outs
with complex logic, such as PCI designs. For fast bidirectional I/O timing,
LE registers using local routing can improve setup times and OE timing.
The APEX 20KC IOE also includes direct support for open-drain
operation, giving faster clock-to-output for open-drain signals. Some
programmable delays in the APEX 20KC IOE offer multiple levels of
delay to fine-tune setup and hold time requirements. The Quartus II
Compiler sets these delays by default to minimize setup time while
providing a zero hold time.
The Quartus II Compiler uses the programmable inversion option to
invert signals from the row and column interconnect automatically where
appropriate. Because the APEX 20KC IOE offers one output enable per
pin, the Quartus II Compiler can emulate open-drain operation efficiently.
The APEX 20KC IOE includes programmable delays that can be activated
to ensure zero hold times, minimum clock-to-output times, input IOE
register-to-core register transfers, or core-to-output IOE register transfers.
A path in which a pin directly drives a register may require the delay to
ensure zero hold time, whereas a path in which a pin drives a register
through combinatorial logic may not require the delay.
Table 9 describes the APEX 20KC programmable delays and their logic
options in the Quartus II software.
The Quartus II Compiler can program these delays automatically to
minimize setup time while providing a zero hold time.
Table 9. APEX 20KC Programmable Delay Chains
Programmable Delay
Quartus II Logic Option
Input pin to core delay
Decrease input delay to internal cells
Input pin to input register delay
Decrease input delay to input registers
Core to output register delay
Decrease input delay to output register
Output register tCO delay
Increase delay to output pin
Clock enable delay
Increase clock enable delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com