Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 37 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 37 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 33Page - Altera Corporation APEX20KC Datasheet HTML 34Page - Altera Corporation APEX20KC Datasheet HTML 35Page - Altera Corporation APEX20KC Datasheet HTML 36Page - Altera Corporation APEX20KC Datasheet HTML 37Page - Altera Corporation APEX20KC Datasheet HTML 38Page - Altera Corporation APEX20KC Datasheet HTML 39Page - Altera Corporation APEX20KC Datasheet HTML 40Page - Altera Corporation APEX20KC Datasheet HTML 41Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 90 page
background image
Altera Corporation
37
APEX 20KC Programmable Logic Device Data Sheet
Implementing Logic in ROM
In addition to implementing logic with product terms, the ESB can
implement logic functions when it is programmed with a read-only
pattern during configuration, creating a large LUT. With LUTs,
combinatorial functions are implemented by looking up the results, rather
than by computing them. This implementation of combinatorial functions
can be faster than using algorithms implemented in general logic, a
performance advantage that is further enhanced by the fast access times
of ESBs. The large capacity of ESBs enables designers to implement
complex functions in one logic level without the routing delays associated
with linked LEs or distributed RAM blocks. Parameterized functions such
as LPM functions can take advantage of the ESB automatically. Further,
the Quartus II software can implement portions of a design with ESBs
where appropriate.
Programmable Speed/Power Control
APEX 20KC ESBs offer a high-speed mode that supports very fast
operation on an ESB-by-ESB basis. When high speed is not required, this
feature can be turned off to reduce the ESB’s power dissipation by up to
50%. ESBs that run at low power incur a nominal timing delay adder. This
Turbo BitTM option is available for ESBs that implement product-term
logic or memory functions. An ESB that is not used will be powered down
so that it does not consume DC current.
Designers can program each ESB in the APEX 20KC device for either
high-speed or low-power operation. As a result, speed-critical paths in the
design can run at high speed, while the remaining paths operate at
reduced power.
I/O Structure
The APEX 20KC IOE contains a bidirectional I/O buffer and a register
that can be used either as an input register for external data requiring fast
setup times or as an output register for data requiring fast clock-to-output
performance. IOEs can be used as input, output, or bidirectional pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com