Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 78 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 78 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 74Page - Altera Corporation APEX20KC Datasheet HTML 75Page - Altera Corporation APEX20KC Datasheet HTML 76Page - Altera Corporation APEX20KC Datasheet HTML 77Page - Altera Corporation APEX20KC Datasheet HTML 78Page - Altera Corporation APEX20KC Datasheet HTML 79Page - Altera Corporation APEX20KC Datasheet HTML 80Page - Altera Corporation APEX20KC Datasheet HTML 81Page - Altera Corporation APEX20KC Datasheet HTML 82Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
78
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
Table 53. EP20K400C Minimum Pulse Width Timing Parameters
Symbol
-7 Speed Grade
-8 Speed Grade
-9 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tCH
1.33
1.66
2.00
ns
tCL
1.33
1.66
2.00
ns
tCLRP
0.20
0.20
0.20
ns
tPREP
0.20
0.20
0.20
ns
tESBCH
1.33
1.66
2.00
ns
tESBCL
1.33
1.66
2.00
ns
tESBWP
1.05
1.28
1.44
ns
tESBRP
0.87
1.06
1.19
ns
Table 54. EP20K400C External Timing Parameters
Symbol
-7 Speed Grade
-8 Speed Grade
-9 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSU
1.37
1.52
1.64
ns
tINH
0.00
0.00
0.00
ns
tOUTCO
2.00
4.25
2.00
4.61
2.00
5.03
ns
tINSUPLL
0.80
0.91
-
ns
tINHPLL
0.00
0.00
-
ns
tOUTCOPLL
0.50
2.27
0.50
2.55
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com