Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 82 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 82 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 78Page - Altera Corporation APEX20KC Datasheet HTML 79Page - Altera Corporation APEX20KC Datasheet HTML 80Page - Altera Corporation APEX20KC Datasheet HTML 81Page - Altera Corporation APEX20KC Datasheet HTML 82Page - Altera Corporation APEX20KC Datasheet HTML 83Page - Altera Corporation APEX20KC Datasheet HTML 84Page - Altera Corporation APEX20KC Datasheet HTML 85Page - Altera Corporation APEX20KC Datasheet HTML 86Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 90 page
background image
82
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
Table 61. EP20K600C External Bidirectional Timing Parameters
Symbol
-7 Speed Grade
-8 Speed Grade
-9 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tINSUBIDIR
2.03
2.57
2.97
ns
tINHBIDIR
0.00
0.00
0.00
ns
tOUTCOBIDIR
2.00
4.29
2.00
4.77
2.00
5.11
ns
tXZBIDIR
8.31
9.14
9.76
ns
tZXBIDIR
8.31
9.14
9.76
ns
tINSUBIDIRPLL
3.99
4.77
-
ns
tINHBIDIRPLL
0.00
0.00
-
ns
tOUTCOBIDIRPLL
0.50
2.37
0.50
2.63
-
-
ns
tXZBIDIRPLL
6.35
6.94
-
ns
tZXBIDIRPLL
6.35
6.94
-
ns
Table 62. EP20K1000C fMAX LE Timing Microparameters
Symbol
-7 Speed Grade
-8 Speed Grade
-9 Speed Grade
Unit
Min
Max
Min
Max
Min
Max
tSU
0.01
0.01
0.01
ns
tH
0.10
0.10
0.10
ns
tCO
0.27
0.30
0.32
ns
tLUT
0.66
0.79
0.92
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com