Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 51 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 51 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 47Page - Altera Corporation APEX20KC Datasheet HTML 48Page - Altera Corporation APEX20KC Datasheet HTML 49Page - Altera Corporation APEX20KC Datasheet HTML 50Page - Altera Corporation APEX20KC Datasheet HTML 51Page - Altera Corporation APEX20KC Datasheet HTML 52Page - Altera Corporation APEX20KC Datasheet HTML 53Page - Altera Corporation APEX20KC Datasheet HTML 54Page - Altera Corporation APEX20KC Datasheet HTML 55Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 90 page
background image
Altera Corporation
51
APEX 20KC Programmable Logic Device Data Sheet
IEEE Std.
1149.1 (JTAG)
Boundary-Scan
Support
All APEX 20KC devices provide JTAG BST circuitry that complies with
the IEEE Std. 1149.1-1990 specification. JTAG boundary-scan testing can
be performed before or after configuration, but not during configuration.
APEX 20KC devices can also use the JTAG port for configuration with the
Quartus II software or with hardware using either Jam Files (.jam) or Jam
Byte-Code Files (.jbc). Finally, APEX 20KC devices use the JTAG port to
monitor the logic operation of the device with the SignalTap embedded
logic analyzer. APEX 20KC devices support the JTAG instructions shown
in Table 13.
Table 13. APEX 20KC JTAG Instructions
JTAG Instruction
Description
SAMPLE/PRELOAD Allows a snapshot of signals at the device pins to be captured and examined during
normal device operation, and permits an initial data pattern to be output at the device pins.
Also used by the SignalTap embedded logic analyzer.
EXTEST
Allows the external circuitry and board-level interconnections to be tested by forcing a test
pattern at the output pins and capturing test results at the input pins.
BYPASS
Places the 1-bit bypass register between the TDI and TDO pins, which allows the BST data
to pass synchronously through selected devices to adjacent devices during normal device
operation.
USERCODE
Selects the 32-bit USERCODE register and places it between the TDI and TDO pins,
allowing the USERCODE to be serially shifted out of TDO.
IDCODE
Selects the IDCODE register and places it between TDI and TDO, allowing the IDCODE
to be serially shifted out of TDO.
ICR Instructions
Used when configuring an APEX 20KC device via the JTAG port with a MasterBlasterTM
or ByteBlasterMVTM download cable, or when using a Jam File or Jam Byte-Code File via
an embedded processor.
SignalTap
Instructions
Monitors internal device operation with the SignalTap embedded logic analyzer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com