Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 6 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 6 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 2Page - Altera Corporation APEX20KC Datasheet HTML 3Page - Altera Corporation APEX20KC Datasheet HTML 4Page - Altera Corporation APEX20KC Datasheet HTML 5Page - Altera Corporation APEX20KC Datasheet HTML 6Page - Altera Corporation APEX20KC Datasheet HTML 7Page - Altera Corporation APEX20KC Datasheet HTML 8Page - Altera Corporation APEX20KC Datasheet HTML 9Page - Altera Corporation APEX20KC Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 90 page
background image
6
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
All APEX 20KC devices are reconfigurable and are 100% tested prior to
shipment. As a result, test vectors do not have to be generated for fault-
coverage purposes. Instead, the designer can focus on simulation and
design verification. In addition, the designer does not need to manage
inventories of different application-specific integrated circuit (ASIC)
designs; APEX 20KC devices can be configured on the board for the
specific functionality required.
APEX 20KC devices are configured at system power-up with data stored
in an Altera serial configuration device or provided by a system
controller. Altera offers in-system programmability (ISP)-capable EPC16,
EPC8, EPC4, EPC2, and EPC1 configuration devices and one-time
programmable (OTP) EPC1 configuration devices, which configure
APEX 20KC devices via a serial data stream. Moreover, APEX 20KC
devices contain an optimized interface that permits microprocessors to
configure APEX 20KC devices serially or in parallel, and synchronously
or asynchronously. The interface also enables microprocessors to treat
APEX 20KC devices as memory and configure the device by writing to a
virtual memory location, making reconfiguration easy.
I/O standard support
1.8-V, 2.5-V, 3.3-V, 5.0-V I/O
3.3-V PCI and PCI-X
3.3-V AGP
CTT
GTL+
LVCMOS
LVTTL
True-LVDSTM and LVPECL data pins (in
EP20K400C and larger devices)
LVDS and LVPECL clock pins (in all devices)
LVDS and LVPECL data pins up to 156 Mbps
(in EP20K200C devices)
HSTL Class I
PCI-X
SSTL-2 Class I and II
SSTL-3 Class I and II
Memory support
CAM
Dual-port RAM
FIFO
RAM
ROM
Table 7. APEX 20KC Device Features (Part 2 of 2)
Feature
APEX 20KC Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com