Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 19 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 19 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 15Page - Altera Corporation APEX20KC Datasheet HTML 16Page - Altera Corporation APEX20KC Datasheet HTML 17Page - Altera Corporation APEX20KC Datasheet HTML 18Page - Altera Corporation APEX20KC Datasheet HTML 19Page - Altera Corporation APEX20KC Datasheet HTML 20Page - Altera Corporation APEX20KC Datasheet HTML 21Page - Altera Corporation APEX20KC Datasheet HTML 22Page - Altera Corporation APEX20KC Datasheet HTML 23Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
Altera Corporation
19
APEX 20KC Programmable Logic Device Data Sheet
The counter mode uses two 3-input LUTs: one generates the counter data,
and the other generates the fast carry bit. A 2-to-1 multiplexer provides
synchronous loading, and another AND gate provides synchronous
clearing. If the cascade function is used by an LE in counter mode, the
synchronous clear or load overrides any signal carried on the cascade
chain. The synchronous clear overrides the synchronous load. LEs in
arithmetic mode can drive out registered and unregistered versions of the
LUT output.
Clear & Preset Logic Control
Logic for the register’s clear and preset signals is controlled by LAB-wide
signals. The LE directly supports an asynchronous clear function. The
Quartus II Compiler can use a NOT-gate push-back technique to emulate
an asynchronous preset or to emulate simultaneous preset and clear or
asynchronous load. However, this technique uses three additional LEs per
register. All emulation is performed automatically when the design is
compiled. Registers that emulate simultaneous preset and load will enter
an unknown state upon power-up or when the chip-wide reset is asserted.
In addition to the two clear and preset modes, APEX 20KC devices
provide a chip-wide reset pin (DEV_CLRn) that resets all registers in the
device. Use of this pin is controlled through an option in the Quartus II
software that is set before compilation. The chip-wide reset overrides all
other control signals. Registers using an asynchronous preset are preset
when the chip-wide reset is asserted; this effect results from the inversion
technique used to implement the asynchronous preset.
FastTrack Interconnect
In the APEX 20KC architecture, connections between LEs, ESBs, and I/O
pins are provided by the FastTrack interconnect. The FastTrack
interconnect is a series of continuous horizontal and vertical routing
channels that traverse the device. This global routing structure provides
predictable performance, even in complex designs. In contrast, the
segmented routing in FPGAs requires switch matrices to connect a
variable number of routing paths, increasing the delays between logic
resources and reducing performance.
The FastTrack interconnect consists of row and column interconnect
channels that span the entire device. The row interconnect routes signals
throughout a row of MegaLAB structures; the column interconnect routes
signals throughout a column of MegaLAB structures. When using the row
and column interconnect, an LE, IOE, or ESB can drive any other LE, IOE,
or ESB in a device. See Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com