Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 55 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 55 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 51Page - Altera Corporation APEX20KC Datasheet HTML 52Page - Altera Corporation APEX20KC Datasheet HTML 53Page - Altera Corporation APEX20KC Datasheet HTML 54Page - Altera Corporation APEX20KC Datasheet HTML 55Page - Altera Corporation APEX20KC Datasheet HTML 56Page - Altera Corporation APEX20KC Datasheet HTML 57Page - Altera Corporation APEX20KC Datasheet HTML 58Page - Altera Corporation APEX20KC Datasheet HTML 59Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
Altera Corporation
55
APEX 20KC Programmable Logic Device Data Sheet
1
DC operating specifications on APEX 20KC I/O standards are
listed in Tables 21 to 35.
Table 18. APEX 20KC Device Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCCINT
Supply voltage for internal logic
and input buffers
(3), (4)
1.71
(1.71)
1.89
(1.89)
V
VCCIO
Supply voltage for output buffers,
3.3-V operation
(3), (4)
3.00
(3.00)
3.60
(3.60)
V
Supply voltage for output buffers,
2.5-V operation
(3), (4)
2.375
(2.375)
2.625
(2.625)
V
Supply voltage for output buffers,
1.8-V operation
(3), (4)
1.71
(1.71)
1.89
(1.89)
V
VI
Input voltage
(2), (5)
–0.5
4.1
V
VO
Output voltage
0
VCCIO
V
TJ
Operating junction temperature
For commercial use
0
85
° C
For industrial use
–40
100
° C
tR
Input rise time (10% to 90%)40
ns
tF
Input fall time (90% to 10%)40
ns
Table 19. APEX 20KC Device DC Operating Conditions
Notes (6), (7)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
II
Input pin leakage current (8)
VI = 3.6 to 0.0 V
–10
10
µA
IOZ
Tri-stated I/O pin leakage
current (8)
VO = 4.1 to –0.5 V
–10
10
µA
ICC0
VCC supply current (standby)
(All ESBs in power-down
mode)
VI = ground, no load,
no toggling inputs,
-7 speed grade
10
mA
VI = ground, no load,
no toggling inputs,
-8, -9 speed grades
5mA
RCONF
Value of I/O pin pull-up
resistor before and during
configuration
VCCIO = 3.0 V (9)
20
50
k
Ω
VCCIO = 2.375 V (9)
30
80
k
Ω
VCCIO =1.71 V (9)
60
150
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com