Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 31 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 31 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 27Page - Altera Corporation APEX20KC Datasheet HTML 28Page - Altera Corporation APEX20KC Datasheet HTML 29Page - Altera Corporation APEX20KC Datasheet HTML 30Page - Altera Corporation APEX20KC Datasheet HTML 31Page - Altera Corporation APEX20KC Datasheet HTML 32Page - Altera Corporation APEX20KC Datasheet HTML 33Page - Altera Corporation APEX20KC Datasheet HTML 34Page - Altera Corporation APEX20KC Datasheet HTML 35Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 90 page
background image
Altera Corporation
31
APEX 20KC Programmable Logic Device Data Sheet
Read/Write Clock Mode
The read/write clock mode contains two clocks. One clock controls all
registers associated with writing: data input, WE, and write address. The
other clock controls all registers associated with reading: read enable
(RE), read address, and data output. The ESB also supports clock enable
and asynchronous clear signals; these signals also control the read and
write registers independently. Read/write clock mode is commonly used
for applications where reads and writes occur at different system
frequencies. Figure 20 shows the ESB in read/write clock mode.
Figure 20. ESB in Read/Write Clock Mode
Note (1)
Note to Figure 20:
(1)
All registers can be cleared asynchronously by ESB local interconnect signals, global signals, or the chip-wide reset.
Dedicated Clocks
44
D
ENA
Q
D
ENA
Q
D
ENA
Q
D
ENA
Q
data[ ]
ress[ ]
RAM/ROM
128
× 16
256
× 8
512
× 4
1,024
× 2
2,048
× 1
Data In
Address
Write Enable
Data Out
utclken
nclken
nclock
utclock
Write
Pulse
Generator
wren
Dedicated Inputs &
Global Signals
To MegaLAB,
FastTrack &
Local
Interconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com