Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APEX20KC Datasheet(PDF) 64 Page - Altera Corporation

Part # APEX20KC
Description  Programmable Logic Device
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

APEX20KC Datasheet(HTML) 64 Page - Altera Corporation

Back Button APEX20KC Datasheet HTML 60Page - Altera Corporation APEX20KC Datasheet HTML 61Page - Altera Corporation APEX20KC Datasheet HTML 62Page - Altera Corporation APEX20KC Datasheet HTML 63Page - Altera Corporation APEX20KC Datasheet HTML 64Page - Altera Corporation APEX20KC Datasheet HTML 65Page - Altera Corporation APEX20KC Datasheet HTML 66Page - Altera Corporation APEX20KC Datasheet HTML 67Page - Altera Corporation APEX20KC Datasheet HTML 68Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 90 page
background image
64
Altera Corporation
APEX 20KC Programmable Logic Device Data Sheet
Figure 31. Output Drive Characteristics of APEX 20KC Devices
Note (1)
Note to Figure 31:
(1)
These are transient (AC) currents.
Vo Output Voltage (V)
IOL
IOH
2
4
6
8
10
12
14
16
18
20
22
24
26
Vo Output Voltage (V)
IOL
IOH
5
10
15
20
45
0.5
1
1.5
2
2.5
3
25
30
35
40
50
55
60
Typical IO
Output
Current (mA)
10
20
30
40
50
60
70
80
90
0.5
1
1.5
2
2.5
3
Vo Output Voltage (V)
VCCINT = 1.8 V
VCCIO = 3.3 V
Room Temperature
IOH
IOL
Typical IO
Output
Current (mA)
100
110
120
0.5
1
1.5
2.0
VCCINT = 1.8 V
VCCIO = 2.5V
Room Temperature
VCCINT = 1.8V
VCCIO = 1.8V
Room Temperature
Typical IO
Output
Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com