Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 126 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 126 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 122Page - STMicroelectronics M7020R Datasheet HTML 123Page - STMicroelectronics M7020R Datasheet HTML 124Page - STMicroelectronics M7020R Datasheet HTML 125Page - STMicroelectronics M7020R Datasheet HTML 126Page - STMicroelectronics M7020R Datasheet HTML 127Page - STMicroelectronics M7020R Datasheet HTML 128Page - STMicroelectronics M7020R Datasheet HTML 129Page - STMicroelectronics M7020R Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 150 page
background image
M7020R
126/150
SRAM ADDRESSING
Table 50, page 127 describes the commands used
to generate addresses on the SRAM Address Bus.
The index [14:0] field contains the address of a 68-
bit entry that results in a hit in 68-bit-configured
quadrant. It is the address of the 68-bit entry that
lies at the 136-bit page, and the 272-bit page
boundaries in 136-bit- and 272-bit-configured
quadrants, respectively.
REGISTERS, page 21 of this specification, de-
scribes the NFA and SSR Registers. ADR[14:0]
contains the address supplied on the DQ Bus dur-
ing PIO access to the M7020R. Command Bits 8
and 7 {CMD[8:7]} are passed from the command
to the SRAM Address Bus (see COMMAND
CODES AND PARAMETERS, page 29 for more
information). ID[4:0] is the ID of the device driving
the SRAM Bus (see Figure 3, page 10 and Table
2, page 9 for more information).
SRAM PIO Access
SRAM READ enables READ access to off-chip
SRAM that contains associative data. The latency
from the issuance of the READ Instruction to the
address appearing on the SRAM Bus is the same
as the latency of the SEARCH Instruction and will
depend on the TLSZ value parameter pro-
grammed in the device Configuration Register.
The latency of the ACK from the READ Instruction
is the same as the latency of the SEARCH Instruc-
tion to the SRAM address plus the HLAT pro-
grammed in the Configuration Register.
Note: SRAM READ is a blocking operation – no
new instruction can begin until the ACK is returned
by the selected device performing the access.
SRAM WRITE enables WRITE access to the off-
chip SRAM containing associative data. The laten-
cy from the second cycle of the WRITE Instruction
to the address appearing on the SRAM Bus is the
same as the latency of the SEARCH Instruction
and will depend on the TLSZ value parameter pro-
grammed in the device Configuration Register.
Note: SRAM WRITE is a pipelined operation –
new instruction can begin right after the previous
command has ended.
SRAM READ with a Table of One Device
SRAM READ enables READ access to the off-
chip SRAM containing associative data. The laten-
cy from the issuance of the READ Instruction to
the address appearing on the SRAM Bus is the
same as the latency of the SEARCH Instruction
and will depend on the TLSZ value parameter pro-
grammed in the device configuration register. The
latency of the ACK from the READ Instruction is
the same as the latency of the SEARCH Instruc-
tion to the SRAM address plus the HLAT pro-
grammed in the configuration register.
The following explains the SRAM READ operation
in a table with only one device that has the follow-
ing parameters: TLSZ = 00, HLAT = 000, LRAM =
1, and LDEV = 1. Figure 93, page 127 shows the
associated timing diagram.
For the following description, the selected device
refers to the only device in the table because it is
the only device to be accessed.
The sequence of the operation is as follows:
– Cycle 1A: The host ASIC applies the READ In-
struction on the CMD[1:0], using CMDV = 1.
The
DQ
Bus
supplies
the
address
with
DQ[20:19] set to '10' to select the SRAM ad-
dress. The host ASIC selects the device for
which the ID[4:0] matches the DQ[25:21] lines.
During this cycle, the host ASIC also supplies
SADR[21:20] on CMD[8:7] in this cycle.
– Cycle 1B: The host ASIC continues to apply the
READ Instruction on the CMD[1:0] using
CMDV = 1. The DQ Bus supplies the address
with DQ[20:19] set to '10' to select the SRAM
address.
– Cycle 2: The host ASIC floats DQ[67:0] to a 3-
state condition.
– Cycle 3: The host ASIC keeps DQ[67:0] in a 3-
state condition.
– Cycle 4: The selected device starts to drive
DQ[67:0] and drives ACK from High-Z to low.
– Cycle 5: The selected device drives the READ
address on SADR[21:0]; it also drives ACK high,
CE_L low, and ALE_L low.
– Cycle 6: The selected device drives CE_L high,
ALE_L high, the SADR Bus, and the DQ Bus in
a 3-state condition; it drives ACK low.
At the end of Cycle 6, the selected device floats
ACK in a 3-state condition, and a new command
can begin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com