Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 128 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 128 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 124Page - STMicroelectronics M7020R Datasheet HTML 125Page - STMicroelectronics M7020R Datasheet HTML 126Page - STMicroelectronics M7020R Datasheet HTML 127Page - STMicroelectronics M7020R Datasheet HTML 128Page - STMicroelectronics M7020R Datasheet HTML 129Page - STMicroelectronics M7020R Datasheet HTML 130Page - STMicroelectronics M7020R Datasheet HTML 131Page - STMicroelectronics M7020R Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 150 page
background image
M7020R
128/150
SRAM READ with a Table of Up to Eight Devices
The following explains the SRAM READ operation
completed through a table of up to eight devices
using the following parameters: TLSZ = 01. Figure
94, page 129 diagrams a block of eight devices.
The following assumes that SRAM access is suc-
cessfully achieved through M7020R Device 0. Fig-
ure 95, page 130 and Figure 96, page 131 show
timing diagrams for Device 0 and Device 7, re-
spectively.
– Cycle 1A: The host ASIC applies the READ In-
struction on the CMD[1:0] using CMDV = 1. The
DQ Bus supplies the address, with DQ[20:19]
set to '10' to select the SRAM address. The host
ASIC selects the device for which ID[4:0] match-
es the DQ[25:21] lines. During this cycle the
host ASIC also supplies SADR[21:20] on
CMD[8:7].
– Cycle 1B: The host ASIC continues to apply the
READ Instruction on the CMD[1:0] using
CMDV = 1. The DQ Bus supplies the address
with DQ[20:19] set to '10' to select the SRAM
address.
– Cycle 2: The host ASIC floats DQ[67:0] to a 3-
state condition.
– Cycle 3: The host ASIC keeps DQ[67:0] in a 3-
state condition.
– Cycle 4: The selected device starts to drive
DQ[67:0].
– Cycle 5: The selected device continues to drive
DQ[67:0] and drives ACK from high-Z to low
– Cycle 6: The selected device drives the READ
address on SADR[21:0]. It also drives ACK
high, CE_L low, WE_L high, and ALE_L low.
– Cycle 7: The selected device drives CE_L,
ALE_L, WE_L, and the DQ Bus in a 3-state con-
dition. It continues to drive ACK low.
At the end of Cycle 7, the selected device floats
ACK in 3-state condition and a new command can
begin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com