Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 132 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 132 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 128Page - STMicroelectronics M7020R Datasheet HTML 129Page - STMicroelectronics M7020R Datasheet HTML 130Page - STMicroelectronics M7020R Datasheet HTML 131Page - STMicroelectronics M7020R Datasheet HTML 132Page - STMicroelectronics M7020R Datasheet HTML 133Page - STMicroelectronics M7020R Datasheet HTML 134Page - STMicroelectronics M7020R Datasheet HTML 135Page - STMicroelectronics M7020R Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 150 page
background image
M7020R
132/150
SRAM READ with a Table of Up to 31 Devices
The following explains the SRAM READ operation
accomplished through a table of up to 31 devices,
using the following parameters: TLSZ = 10. The di-
agram of such a table is shown in Figure 97, page
133.
The following assumes that SRAM access is being
accomplished through M7020R Device 0 and that
Device 0 is the selected device. Figure 98, page
134 and Figure 99, page 135 show the timing dia-
grams for Device 0 and Device 30, respectively.
– Cycle 1A: The host ASIC applies the READ In-
struction to CMD[1:0] using CMDV = 1. The DQ
Bus supplies the address, with DQ[20:19] set to
'10,' to select the SRAM address. The host
ASIC selects the device for which the ID[4:0]
matches the DQ[25:21] lines. During this cycle,
the host ASIC also supplies SADR[21:20] on
CMD[8:7].
– Cycle 1B: The host ASIC continues to apply the
READ Instruction to CMD[1:0] using CMDV = 1.
The DQ Bus supplies the address, with
DQ[20:19] set to '10,' to select the SRAM ad-
dress.
– Cycle 2: The host ASIC floats DQ[67:0] to a 3-
state condition.
– Cycle 3: The host ASIC keeps DQ[67:0] in a 3-
state condition.
– Cycle 4: The selected device starts to drive
DQ[67:0].
– Cycles 5 to 6: The selected device continues to
drive DQ[67:0].
– Cycle 7: The selected device continues to drive
DQ[67:0] and drives an SRAM READ cycle.
– Cycle 8: The selected device drives ACL from Z
to low.
– Cycle 9: The selected device drives ACK to
high.
– Cycle 10: The selected device drives ACK from
high to low.
At the end of Cycle 10, the selected device floats
ACL in a 3-state condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com