Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 31Page - Renesas Technology Corp SH7708 Datasheet HTML 32Page - Renesas Technology Corp SH7708 Datasheet HTML 33Page - Renesas Technology Corp SH7708 Datasheet HTML 34Page - Renesas Technology Corp SH7708 Datasheet HTML 35Page - Renesas Technology Corp SH7708 Datasheet HTML 36Page - Renesas Technology Corp SH7708 Datasheet HTML 37Page - Renesas Technology Corp SH7708 Datasheet HTML 38Page - Renesas Technology Corp SH7708 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 633 page
background image
17
2.1.3
System Registers
System registers can be accessed by the LDS and STS instructions. When an exception occurs, the
contents of the program counter (PC) are saved in the saved program counter (SPC). The SPC
contents are restored to the PC by the RTE instruction used at the end of the exception handling.
There are four system registers, as follows.
• Multiply and accumulate high register (MACH)
• Multiply and accumulate low register (MACL)
• Procedure register (PR)
• Program counter (PC)
The system register configuration is shown in figure 2.4.
31
0
31
0
31
0
System Registers
Multiply and Accumulate High and Low Registers
(MACH/L)
Store the results of multiply-and-accumulate operations.
Its contents are undefined after a reset.
Procedure Register (PR)
Stores the return address for exiting a subroutine
procedure.
Its contents are undefined after a reset.
Program Counter (PC)
Indicates the address four addresses (two instructions)
ahead of the currently executing instruction. Initialized
to H'A0000000 by a reset.
PR
PC
MACH
MACL
Figure 2.4 System Registers
2.1.4
Control Registers
Control registers can be accessed in privileged mode using the LDC and STC instructions. The
GBR register can also be accessed in user mode. There are five control registers, as follows:
• Status register (SR)
• Saved status register (SSR)
• Saved program counter (SPC)
• Global base register (GBR)
• Vector base register (VBR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com