Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 95Page - Renesas Technology Corp SH7708 Datasheet HTML 96Page - Renesas Technology Corp SH7708 Datasheet HTML 97Page - Renesas Technology Corp SH7708 Datasheet HTML 98Page - Renesas Technology Corp SH7708 Datasheet HTML 99Page - Renesas Technology Corp SH7708 Datasheet HTML 100Page - Renesas Technology Corp SH7708 Datasheet HTML 101Page - Renesas Technology Corp SH7708 Datasheet HTML 102Page - Renesas Technology Corp SH7708 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 633 page
background image
81
Section 4 Exception Handling
4.1
Overview
4.1.1
Features
Exceptions are deviations from normal program execution that require special handling. The
processor responds to an exception by aborting execution of the current instruction (execution is
allowed to continue to completion in all interrupt requests) and passing control from the
instruction stream to the appropriate user-written exception handling routine. Here, all exceptions
other than resets and interrupts will be called general exceptions. There are thus three types of
exceptions: resets, general exceptions, and interrupts.
4.1.2
Register Configuration
A register with an undefined initial value should be initialized by software. Table 4.1 lists the
registers used for exception handling.
Table 4.1
Register Configuration
Register
Abbr.
R/W
Size
Initial Value
Address
TRAPA exception register
TRA
R/W
Longword
Undefined
H'FFFFFFD0
Exception event register
EXPEVT
R/W
Longword
Power-on reset:
H'000
Manual reset: H'020
H'FFFFFFD4
Interrupt event register
INTEVT
R/W
Longword
Undefined
H'FFFFFFD8
4.2
Exception Handling Function
4.2.1
Exception Handling Flow
Usually the contents of the program counter (PC) and status register (SR) are saved in the saved
program counter (SPC) and saved status register (SSR), respectively, and execution of the
exception handler is invoked from a vector address. The return from exception handler (RTE)
instruction is issued by the exception handler routine at the completion of the routine, restoring the
contents of the PC and SR to return to the processor status at the point of interruption and the
address where the exception occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com