Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 70Page - Renesas Technology Corp SH7708 Datasheet HTML 71Page - Renesas Technology Corp SH7708 Datasheet HTML 72Page - Renesas Technology Corp SH7708 Datasheet HTML 73Page - Renesas Technology Corp SH7708 Datasheet HTML 74Page - Renesas Technology Corp SH7708 Datasheet HTML 75Page - Renesas Technology Corp SH7708 Datasheet HTML 76Page - Renesas Technology Corp SH7708 Datasheet HTML 77Page - Renesas Technology Corp SH7708 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 633 page
background image
56
Physical Address Space: The SH7708 Series supports a 32-bit physical address space, but the
upper 3 bits are actually ignored and treated as a shadow. See section 10, Bus State Controller, for
details.
Single Address Translation: When the MMU is enabled, the virtual address space is divided into
units called pages. Physical addresses are translated in page units. Address translation tables in
external memory hold information such as the physical address that corresponds to the virtual
address and memory protection codes. With the TLB, the contents of address translation tables in
external memory are cached to speed up address translation. When an access to areas P1 or P2
occurs, there is no TLB access and the physical address is defined uniquely by the hardware. If it
belongs to areas P0, P3 or U0, the TLB is searched by virtual address and, if that virtual address is
registered in the TLB, the access hits the TLB. The corresponding physical address and the page
control information are read from the TLB and the physical address is determined.
If the virtual address is not registered in the TLB, a TLB miss exception occurs and processing
will shift to the TLB miss handler. In the TLB miss handler, the TLB address translation table in
external memory is searched and the corresponding physical address and the page control
information are registered in the TLB. After returning from the handler, the instruction that caused
the TLB miss is re-executed. When the MMU is enabled, address translation information that
results in a physical address space of H'80000000–H'FFFFFFFF should not be registered in the
TLB.
When the MMU is disabled, the virtual address is used directly as the physical address. As the
SH7708 Series supports a 29-bit address space as the physical address space, the top 3 bits of the
physical address are ignored, and constitute a shadow space (see section 10, Bus State Controller
(BSC)). For example, addresses H'00001000 in the P0 area, H'80001000 in the P1 area,
H'A0001000 in the P2 area, and H'C0001000 in the P3 area are all mapped onto the same physical
address. When access to these addresses is performed with the cache enabled, an address with the
top 3 bits of the physical address masked to 0 is stored in the cache address array to ensure data
congruity.
Single Virtual Memory Mode and Multiple Virtual Memory Mode: There are two virtual
memory modes: single virtual memory mode and multiple virtual memory mode. In single virtual
memory mode, multiple processes run in parallel using the virtual address space exclusively and
the physical address corresponding to a given virtual address is specified uniquely. In multiple
virtual memory mode, multiple processes run in parallel sharing the virtual address space, so a
given virtual address may be translated into different physical addresses depending on the process.
Either single or multiple virtual mode is selected according to the value set in the MMU control
register. The items used in address comparison are the VPN and ASID. The VPN of the virtual
address used to access external memory is compared with the VPN of the TLB entry selected by
the index number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com