Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 92Page - Renesas Technology Corp SH7708 Datasheet HTML 93Page - Renesas Technology Corp SH7708 Datasheet HTML 94Page - Renesas Technology Corp SH7708 Datasheet HTML 95Page - Renesas Technology Corp SH7708 Datasheet HTML 96Page - Renesas Technology Corp SH7708 Datasheet HTML 97Page - Renesas Technology Corp SH7708 Datasheet HTML 98Page - Renesas Technology Corp SH7708 Datasheet HTML 99Page - Renesas Technology Corp SH7708 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 633 page
background image
78
3.6.2
Data Array
The data array is assigned to H'F3000000 to H'F3FFFFFF. To access a data array, the 32-bit
address field (for read/write operations), and 32-bit data field (for write operations) must be
specified. These are specified in the general register. The address section specifies information for
selecting the entry to be accessed; the data section specifies the longword data to be written to the
data array (figure 3.14 (2)).
In the address section, specify the entry address for selecting the entry (bits 16–12), W for
selecting the way (bits 9–8: 00 is way 0, 01 is way 1, 10 is way 2, 11 is way 3), and H'F3 to
indicate data array access (bits 31–24). The IX bit in MMUCR indicates whether an EX-OR is
taken of the entry address and ASID.
Both reading and writing use the longword of the data array specified by the entry address and
way number. The access size of the data array is fixed at longword.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com