Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 80Page - Renesas Technology Corp SH7708 Datasheet HTML 81Page - Renesas Technology Corp SH7708 Datasheet HTML 82Page - Renesas Technology Corp SH7708 Datasheet HTML 83Page - Renesas Technology Corp SH7708 Datasheet HTML 84Page - Renesas Technology Corp SH7708 Datasheet HTML 85Page - Renesas Technology Corp SH7708 Datasheet HTML 86Page - Renesas Technology Corp SH7708 Datasheet HTML 87Page - Renesas Technology Corp SH7708 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 633 page
background image
66
3.4
MMU Functions
3.4.1
MMU Hardware Management
MMU hardware management is of the following two kinds.
1. The MMU decodes the virtual address accessed by a process and performs address translation
by controlling the TLB in accordance with the MMUCR settings.
2. In address translation, the MMU receives page management information from the TLB, and
determines the MMU exception and whether the cache is to be accessed (using the C bit). For
details of the determination method and the hardware processing, see section 3.5, MMU
Exceptions.
3.4.2
MMU Software Management
There are three kinds of MMU software management, as follows.
1. MMU register setting. MMUCR setting, in particular, should be performed in areas P1 and P2
for which address translation is not performed. Also, since SV and IX bit changes constitute
address translation system changes, in this case, TLB flushing should be performed by
simultaneously writing 1 to the TF bit also. Since MMU exceptions are not generated in the
MMU disabled state with the AT bit cleared to 0, use in the disabled state must be avoided
with software that does not use the MMU.
2. TLB entry recording, deletion, and reading. TLB entry recording can be done in two ways—by
using the LDTLB instruction, or by writing directly to the memory-mapped TLB. For TLB
entry deletion and reading, the memory allocation TLB can be accessed. See section 3.4.3,
MMU Instruction (LDTLB), for details of the LDTLB instruction, and section 3.6, Memory-
Mapped TLB Configuration, for details of the memory-mapped TLB.
3. MMU exception handling. When an MMU exception is generated, it is handled on the basis of
information set from the hardware side. See section 3.5, MMU Exceptions, for details.
When single virtual memory mode is used, it is possible to create a state in which physical
memory access is enabled in privileged mode only by clearing the share status bit (SH) to 0 to
specify recording of all TLB entries. This strengthens inter-process memory protection, and
enables special access levels to be created in privileged mode only.
Recording a 1-kbyte page TLB entry may result in a synonym problem. See section 3.4.4,
Avoiding Synonym Problems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com