Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH7708 Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # SH7708
Description  SuperH??RISC engine
PDF  633 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7708 Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button SH7708 Datasheet HTML 86Page - Renesas Technology Corp SH7708 Datasheet HTML 87Page - Renesas Technology Corp SH7708 Datasheet HTML 88Page - Renesas Technology Corp SH7708 Datasheet HTML 89Page - Renesas Technology Corp SH7708 Datasheet HTML 90Page - Renesas Technology Corp SH7708 Datasheet HTML 91Page - Renesas Technology Corp SH7708 Datasheet HTML 92Page - Renesas Technology Corp SH7708 Datasheet HTML 93Page - Renesas Technology Corp SH7708 Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 633 page
background image
72
3.5.3
TLB Invalid Exception
A TLB invalid exception results when the virtual address is compared to a selected TLB entry
address array and a match is found but the entry is not valid (the V bit is 0). TLB invalid exception
handling includes both hardware and software operations.
Hardware Operations: In a TLB invalid exception, the SH7708 Series hardware executes a set of
prescribed operations, as follows:
1. The VPN number of the virtual address causing the exception is written to the PTEH register.
2. The virtual address causing the exception is written to the TEA register.
3. The way number causing the exception is written to RC in MMUCR.
4. Either exception code H'040 for a load access, or H'060 for a store access, is written to the
EXPEVT register.
5. The PC value indicating the address of the instruction in which the exception occurred is
written to the SPC. If the exception occurred in a delay slot, the PC value indicating the
address of the delayed branch instruction is written to the SPC.
6. The contents of SR at the time of the exception are written into SSR.
7. The mode (MD) bit in SR is set to 1 to place the SH7708 Series in privileged mode.
8. The block (BL) bit in SR is set to 1 to mask any further exception requests.
9. The register bank (RB) bit in SR is set to 1.
10. Execution branches to the address obtained by adding the value of the VBR contents and
H'00000100, and the TLB protection violation exception handler starts.
Software (TLB Invalid Exception Handler) Operations: The software searches the page tables
in external memory and assigns the required page table entry. Upon retrieving the required page
table entry, the software must execute the following operations:
1. Write the values of the physical page number (PPN) field and the values of the protection key
(PR), page size (SZ), cacheable (C), dirty (D), share status (SH), and valid (V) bits of the page
table entry recorded in external memory to the PTEL register.
2. If using software for way selection for entry replacement, write the desired value to the RC
field in MMUCR.
3. Issue the LDTLB instruction to load the contents of PTEH and PTEL into the TLB.
4. Issue the RTE instruction to terminate the handler and return to the instruction stream. The
RTE instruction should be issued after two LDTLB instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com